Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX68004LF Datasheet(PDF) 29 Page - ASIX Electronics Corporation

Part # AX68004LF
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX68004LF Datasheet(HTML) 29 Page - ASIX Electronics Corporation

Back Button AX68004LF Datasheet HTML 25Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 26Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 27Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 28Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 29Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 30Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 31Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 32Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 33Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
29
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
2.16 PS/2 Controller
The PS/2 Controller provides two independent PS/2 serial interfaces to the bidirectional protocol that can handle
data transmission between the host (PC) and the PS/2 device (Keyboard or Mouse). It also supports error detection
(for parity and stop bit) on all data received from PS/2 device and the timer control to timeout the device which
failed to respond and clock period.
2.17 USB Root Hub and Host Controller
The USB Host Controller built-in one root hub and provide 2/4 downstream ports to communication with
numerous USB full/low speed devices and compliant USB2.0 Full/Low speed standard, supporting data transfer at
full speed (12Mbit/s) and low speed (1.5 Mbit/s).
The USB Host Controller supports UHCI data transfer type schedule order to transfer Isochronous, Interrupt,
Control and Bulk data type, each packet type can be enabled or disabled by software commands. It also supports
one memory buffer to store receive or transfer data, and the memory buffer be divided to 3 memory area, namely,
ISTL, INTL and ATL, for four USB transfer type as above mention, each memory area also be divided to more
little buffer and it calls Transfer Descriptor (TD) structure. The total memory size is limited up to 4K bytes by Host
Control (HC) in 32KB Data SRAM.
The USB Host Controller supports 8 TDs for ISTL, 32 TDs for INTL and ATL in once transfer, the ISTL transfer
is also support automatic to synchronization one in advance assignment SOF interval per software assign, each
INTL TD also supports automatic interrupt polling rate to reduce CPU/software loading, the ATL supports two
different block size for control and bulk transfer enhancement memory used.
2.18 USB Device Controller
The AX6800x built-in 2/4 USB Device Controllers, compliant USB 2.0 Full-speed standard, supporting data
transfer at full speed (12Mbit/s) only.
The USB Device Controller supports 8 controllable Device Addresses and each Device Address supports 8
configurable Endpoints. Each Endpoint supports four kinds of transfer types, Control, Bulk, Interrupt and
Isochronous. AX6800x provides the programmable Maximum packet size and buffer Size for these transfer types.
The USB Device Controller can reference the Endpoint Index Table in xDATA memory for the pointer of the
Endpoint buffers to store the receiving/transmitting packet data to/from xDATA memory.
Each USB Device Controller integrated the controllable pull up resistance. It can be enabled when software
detected the VBUS supplied from external Host Controller (Attached) or disabled to disconnect the external Host
Device. Furthermore, the USB Device Controller also supports suspend function when bus idle over the
specification of USB standard and wakeup function for USB resume protocol, bus reset and cable plug/unplug.
The USB Device Controller responds the device status like USB bus status, endpoint transfer status, enhanced
IN-NAK status (responded the host when data not ready for IN transfer) for bulk transfer and other endpoint status
to CPU used by registers and interrupt. There is a 16-stage FIFO to record the endpoint transfer success status for
the interrupt status register. Software uses them to handle Endpoint transaction protocol with the external host
controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com