Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX68004LF Datasheet(PDF) 19 Page - ASIX Electronics Corporation

Part # AX68004LF
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX68004LF Datasheet(HTML) 19 Page - ASIX Electronics Corporation

Back Button AX68004LF Datasheet HTML 15Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 16Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 17Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 18Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 19Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 20Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 21Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 22Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 23Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
19
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
Table 1-7: UART 0 & Buzzer Pin Description
UART 0 Interface
Pin Name
Type
Pin No
Pin Description
64
100
RXD0
B5/4m/PU 60
91
UART 0 serial Receive Data.
TXD0
O5/4m
61
93
UART 0 serial Transmit Data.
BUZZER
O5/4m
25
40
Buzzer
(5).
Note 5: To enable these multi-function pins, please set BUZZER_PSEL = 0 in HWCFG offset 0x003 or
BUZZER_PSEL = 1 but MP1_7_PSEL = 1 in HWCFG offset 0x001.
Table 1-8: GPIO Pin Description
GPIO Interface
Pin Name
Type
Pin No
Pin Description
64
100
P0[7:0]
B5/4m/PU 34, 35, 21,
38, 13, 11,
10, 9
(2, 1, 5, 4,
39, 41, 40,
42)
53, 55, 35,
60, 20, 17,
15, 12
(4, 2, 7, 6, 62,
64, 63, 65)
General Purpose Input/ Output Pins Port 0 (6).
To enable these multi-function pins, please set
MP0_10/32/74_PSEL = 0 in HWCFG offset 0x001. P0 has
two pinout options and the parenthesis indicates the 2nd
option, enabled by setting MP0_10/32/74_PSEL = 1,
USB_D0/D1_PSEL = 1 and, I2C_U0/U1_PSEL = 1.
P1[7:0]
B5/4m/PU -
39, 41, 43,
46, 18, 16,
14, 9
General Purpose Input/ Output Pins Port 1 (6).
To enable these multi-function pins, please set
MP1_10/32/54/6/7_PSEL = 0 in HWCFG offset 0x001.
P2[7:0]
B5/4m/PU 14, 15, 16,
17, 19, 20,
36, 23
22, 23, 25,
28, 31, 33,
57, 38
General Purpose Input/ Output Pins Port 2 (6).
To enable these multi-function pins, please set
MP2_0/31/54/76_PSEL = 0 in HWCFG offset 0x002.
P3[7:0]
B5/4m/PU -
21, 24, 26,
27, 29, 32,
34, 36
General Purpose Input/ Output Pins Port 3 (6).
To enable these multi-function pins, please set
MP3_30/74_PSEL = 0 in HWCFGS offset 0x002.
Note 6: Due to internal weak pull-up, user may add stronger external pull-up resistors for these GPIO pins, if
necessary.
Table 1-9: Interrupt Pin Description
Interrupt Interface
Pin Name
Type
Pin No
Pin Description
64
100
INT0
I5/PU
-
41
CPU INTerrupt 0 inputs, active low or falling edge trigger
(7).
Note 7: To enable these multi-function pins, please set MP1_6_PSEL = 1 in HWCFG offset 0x001.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com