Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX68004LF Datasheet(PDF) 18 Page - ASIX Electronics Corporation

Part # AX68004LF
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX68004LF Datasheet(HTML) 18 Page - ASIX Electronics Corporation

Back Button AX68004LF Datasheet HTML 14Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 15Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 16Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 17Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 18Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 19Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 20Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 21Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 22Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
18
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
Table 1-5: USB Downstream (Host Controller) VBUS Control Pin Description
USB Downstream VBUS control Pins
Pin Name
Type
Pin No
Pin Description
64
100
D0_VBEN O5
42
65
Downstream Port 0 VBUS Enable
(1).
D0_VOC
I5,PU
40
63
Downstream Port 0 VBUS Over Current detection
(1).
D1_VBEN O5
41
64
Downstream Port 1 VBUS Enable
(2).
D1_VOC
I5,PU
39
62
Downstream Port 1 VBUS Over Current detection
(2).
D2_VBEN O5
-
59
Downstream Port 2 VBUS Enable.
D2_VOC
I5,PU
-
52
Downstream Port 2 VBUS Over Current detection.
D3_VBEN O5
-
56
Downstream Port 3 VBUS Enable.
D3_VOC
I5,PU
-
54
Downstream Port 3 VBUS Over Current detection.
Note 1: To enable these multi-function pins, please set USB_D0_PSEL = 0 in HWCFG offset 0x003 or
USB_D0_PSEL = 1 but MP0_10_PSEL = 0 in HWCFG offset 0x001.
Note 2: To enable these multi-function pins, please set USB_D1_PSEL = 0 in HWCFG offset 0x003 or
USB_D1_PSEL = 1 but MP0_32_PSEL = 0 in HWCFG offset 0x001.
Table 1-6: I2C Pin Description
I2C Interface
Pin Name
Type
Pin No
Pin Description
64 100
SCL
O5/T/4m 7
10
I2C Serial Clock line for I2C master controller.
SCL is a tri-stateable output, which requires an external pull-up resistor.
SDA
B5/T/4m 6
8
I2C Serial Data line for I2C master controller.
SDA is a tri-stateable output, which require an external pull-up resistor.
U0_SCL
I5/4m
4
6
I2C Upstream (slave) controller 0 Serial Clock line
(3).
U0_SCL requires an external pull-up resistor.
U0_SDA
B5/T/4m 5
7
I2C Upstream (slave) controller 0 Serial Data line
(3).
U0_SDA is a tri-stateable output, which requires an external pull-up resistor.
U1_SCL
I5/4m
1
2
I2C Upstream (slave) controller 1 Serial Clock line
(4).
U1_SCL requires an external pull-up resistor.
U1_SDA
B5/T/4m 2
4
I2C Upstream (slave) controller 1 Serial Data line
(4).
U1_SDA is a tri-stateable output, which requires an external pull-up resistor.
U2_SCL
I5/4m
-
1
I2C Upstream (slave) controller 2 Serial Clock line.
U2_SCL requires an external pull-up resistor.
U2_SDA
B5/T/4m -
3
I2C Upstream (slave) controller 2 Serial Data line.
U2_SDA is a tri-stateable output, which requires an external pull-up resistor.
U3_SCL
I5/4m
-
92
I2C Upstream (slave) controller 3 Serial Clock line.
U3_SCL requires an external pull-up resistor.
U3_SDA
B5/T/4m -
95
I2C Upstream (slave) controller 3 Serial Data line.
U3_SDA is a tri-stateable output, which requires an external pull-up resistor.
Note 3: To enable these multi-function pins, please set I2C_U0_PSEL = 0 in HWCFG offset 0x002 or
I2C_U0_PSEL = 1 but MP0_74_PSEL = 0 in HWCFG offset 0x001.
Note 4: To enable these multi-function pins, please set I2C_U1_PSEL = 0 in HWCFG offset 0x002 or
I2C_U1_PSEL = 1 but MP0_74_PSEL = 0 in HWCFG offset 0x001.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com