Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX68004LF Datasheet(PDF) 46 Page - ASIX Electronics Corporation

Part # AX68004LF
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX68004LF Datasheet(HTML) 46 Page - ASIX Electronics Corporation

Back Button AX68004LF Datasheet HTML 42Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 43Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 44Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 45Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 46Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 47Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 48Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 49Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 50Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
46
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
4.5 AC Timing Characteristics
4.5.1 Clock Input Timing Specification
Symbol
Parameter
Min
Typ
Max
Units
-
Nominal Frequency
-
12
-
MHz
-
Frequency Stability
-50
-
+50
ppm
CL
Crystal Load Capacitance
-
12.5
-
pF
4.5.2 Timer 0/1/2 Interface Timing
Symbol
Description
Min
Typ
Max
Units
Tck_hi
TM_CK[2:0] high pulse width
2
-
-
Tsys_clk
Tck_low
TM_CK[2:0] low pulse width
2
-
-
Tsys_clk
Tck_fal
TM_CK[2:0] falling-edge internal detection time
1 ~ 2
-
2
Tsys_clk
Figure 4-3: TM_CK[2:0] Timing Diagram and Table
Symbol
Description
Min
Typ
Max
Units
Tgt_hi
TM_GT[2:0] high pulse width
2
-
-
Tsys_clk
Tgt_low
TM_GT[2:0] low pulse width
2
-
-
Tsys_clk
Tgt_fal
TM_GT[2:0] falling-edge internal detection time
1 ~ 2
-
2
Tsys_clk
Tgt_dly
TM_GT[2:0] internally retimed delay
0.5
-
1
Tsys_clk
Figure 4-4: TM_GT[2:0] Timing Diagram and Table
Tck_fal
Tck_low
Tck_hi
Tck_low
Tck_hi
TM_CK[2:0]
internal sys_clk
TM_CK[2:0] falling-edge detected internally
T gt_dl y
T gt_fal
T gt_low
T gt_hi
T gt_low
T gt_hi
T M_GT [2:0]
internal sys_clk
T M_GT [2:0] falling-edge detected internally
internally retimed T M_GT [2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com