Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX68004LF Datasheet(PDF) 36 Page - ASIX Electronics Corporation

Part # AX68004LF
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX68004LF Datasheet(HTML) 36 Page - ASIX Electronics Corporation

Back Button AX68004LF Datasheet HTML 32Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 33Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 34Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 35Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 36Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 37Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 38Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 39Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 40Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
36
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
3.1.3 Programmable USB Pull Disable (0x04)
Programmable USB Pull Disable (0x04)
Bit
7
6
5
4
3
2
1
0
Name
D3PD
D2PD
D1PD
D0PD
U3PU
U2PU
U1PU
U0PU
Reset Value
0
0
0
0
0
0
0
0
Bit
Name
Description
0
U0PU
USB Up Stream Port0 pull up disable
1: force the D+ 1.5K pull up disable.
0: Control the D+ pull up by Hardware automatically.
Note: when set this bit to 1, should add the external 1.5K pull up for D+ off-chip.
1
U1PU
USB Up Stream Port1 pull up disable
1: force the D+ 1.5K pull up disable.
0: Control the D+ pull up by Hardware automatically.
Note: when set this bit to 1, should add the external 1.5K pull up for D+ off-chip.
2
U2PU
USB Up Stream Port2 pull up disable
1: force the D+ 1.5K pull up disable.
0: Control the D+ pull up by Hardware automatically.
Note: when set this bit to 1, should add the external 1.5K pull up for D+ off-chip.
3
U3PU
USB Up Stream Port3 pull up disable
1: force the D+ 1.5K pull up disable.
0: Control the D+ pull up by Hardware automatically.
Note: when set this bit to 1, should add the external 1.5K pull up for D+ off-chip.
4
D0PD
USB Down Stream Port0 pull down disable
1: force the D+ and D- 15K pull down disable.
0: always pull down the D+ and D- by 15K ohm.
Note: when set this bit to 1, should add the external 15K pull down for D+/D- off-chip.
5
D1PD
USB Down Stream Port1 pull down disable
1: force the D+ and D- 15K pull down disable.
0: always pull down the D+ and D- by 15K ohm.
Note: when set this bit to 1, should add the external 15K pull down for D+/D- off-chip.
6
D2PD
USB Down Stream Port2 pull down disable
1: force the D+ and D- 15K pull down disable.
0: always pull down the D+ and D- by 15K ohm.
Note: when set this bit to 1, should add the external 15K pull down for D+/D- off-chip.
7
D3PD
USB Down Stream Port3 pull down disable
1: force the D+ and D- 15K pull down disable.
0: always pull down the D+ and D- by 15K ohm.
Note: when set this bit to 1, should add the external 15K pull down for D+/D- off-chip.
3.1.4 Reserved (0x05)
This field should be set to 0x00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com