Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX68004LF Datasheet(PDF) 40 Page - ASIX Electronics Corporation

Part # AX68004LF
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX68004LF Datasheet(HTML) 40 Page - ASIX Electronics Corporation

Back Button AX68004LF Datasheet HTML 36Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 37Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 38Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 39Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 40Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 41Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 42Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 43Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 44Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
40
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
4.1.4 DC Characteristics of 3.3V with 5V Tolerant I/O Pins
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDDIO Power supply of 3.3V I/O.
3.3V I/O
2.97
3.3
3.63
V
Vil
Input low voltage.
LVTTL
-
-
0.8
V
Vih
Input high voltage.
2.0
-
-
V
Vt
Switching threshold.
0.85
0.97
1.09
V
Vt-
Schmitt trigger negative going threshold
voltage.
LVTTL
1.0
1.05
1.13
V
Vt+
Schmitt trigger positive going threshold
voltage
1.85
2.02
2.22
V
Vol
Output low voltage.
|Iol| = 8.65mA(Typ)
-
-
0.4
V
Voh
Output high voltage.
|Ioh| =
11.2mA(Typ)
2.4
-
-
V
Vopu
(1)
Output pull-up voltage for 5V tolerant IO
With internal
pull-up resistor
VDDIO
– 0.9
-
-
V
Iol
Output low current.
Vol = 0.4V
5.32
8.65
12
mA
Ioh
Output high current.
Voh = 2.4V
5.52
11.2
18.9
mA
Rpu
Input pull-up resistance.
59.2
73.4
94.9
KΩ
Rpd
Input pull-down resistance.
54.4
74.3
120
KΩ
Iin
Input leakage current.
Vin = 5 or 0V
-
-
1
μA
Input leakage current with pull-up resistance. Vin = 0 V
13.4
22.1
34.9
μA
Input
leakage
current
with
pull-down
resistance.
Vin = VDDIO
9.98
21.1
39.2
μA
Ioz
Tri-state output leakage current.
Vin = 5.5V or 0
-
-
1
μA
Note:
1.
This parameter indicates that the pull-up resistor for the 5V tolerant I/O pins cannot reach VDDIO DC level
even without DC loading current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com