Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX68004LF Datasheet(PDF) 49 Page - ASIX Electronics Corporation

Part # AX68004LF
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX68004LF Datasheet(HTML) 49 Page - ASIX Electronics Corporation

Back Button AX68004LF Datasheet HTML 45Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 46Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 47Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 48Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 49Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 50Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 51Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 52Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 53Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
49
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
4.5.5 High Speed SPI Interface Timing
4.5.5.1 Master Mode
Symbol
Description
Min
Typ
Max
Units
1
SCLK clock frequency
-
Fsys_clk
(SPIBRR + 1) * 2
-
MHz4
2
Setup time of SS[2:0] to the first SCLK
edge
-
(SPIDS * Tsys_clk5) + 0.5 * Tsclk6
-
ns
3
Hold time of SS[2:0] after the last SCLK
edge
-
(SPIDS * Tsys_clk) + N * Tsclk7
-
ns
4
Minimum idle time between transfers
(minimum SS[2:0] high time)
-
((32 * SPIDT + 6) * Tsys_clk) + (0.5 * Tsclk)
-
ns
5
MOSI data valid time, after SCLK edge
-
-
0.6
ns
6
MISO data setup time before SCLK edge
13.8
-
-
ns
7
MISO data hold time after SCLK edge
0
-
-
ns
8, 9
Bus drive time before SS[2:0] assertion
and after SS[2:0] de-assertion
-
0.5 * Tsclk
-
Figure 4-6: High Speed SPI Master Controller Timing Diagram and Table
4 Fsys_clk is the operating system clock frequency, 48 or 96MHz. The SPIBRR is SPI Baud Rate Register.
5 Tsys_clk = 1 / Fsys_clk, operating system clock period.
6 Tsclk = SCLK clock period.
7 The N = 0.5 when operating in Mode 0 or Mode 1; The N = 1 when operating in Mode 2 or Mode 3.
5
4
9
4
3
8
2
7
6
1
1
SCLK(output)
MOSI(output)
MISO(input)
SS0(output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com