Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX68004LF Datasheet(PDF) 17 Page - ASIX Electronics Corporation

Part # AX68004LF
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX68004LF Datasheet(HTML) 17 Page - ASIX Electronics Corporation

Back Button AX68004LF Datasheet HTML 13Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 14Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 15Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 16Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 17Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 18Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 19Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 20Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 21Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
17
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
Table 1-2: Chip Configuration Pin Description
Chip Configuration Pins
Pin Name
Type
Pin No
Pin Description
64
100
BURN_FLASH
_EN
I5/PD 28
45
Please NC or pull down with 10Kohm to allow the CPU to proceed with
normal boot after power-on reset and to disable In-System-Programming
(ISP) mode via UART 0.
Please pull up with 4.7Kohm to temporarily enable ISP mode for initial
Flash memory programming via UART 0. This puts the CPU in reset state
during the ISP mode.
BURN_FLASH
_921K
I5/PU 26
42
When ISP mode is enabled (BURN_FLASH_EN = pull-up), please NC
or pull up with 10Kohm to enable higher speed of 921.6Kbps baud rate at
UART 0.
Please pull down with 4.7Kohm to enable normal speed of 115.2Kbps
baud rate at UART 0 during ISP mode.
When the ISP mode is disabled (BURN_FLASH_EN = pull-down), this
pin has no effect.
Table 1-3: USB Transceiver Pin Description
USB Transceiver Pins
Pin Name
Type
Pin No
Pin Description
64
100
U0_DP
AB
50
77
Upstream USB Port 0 D+.
U0_DM
AB
51
78
Upstream USB Port 0 D-.
U1_DP
AB
53
82
Upstream USB Port 1 D+.
U1_DM
AB
54
83
Upstream USB Port 1 D-.
U2_DP
AB
-
81
Upstream USB Port 2 D+.
U2_DM
AB
-
80
Upstream USB Port 2 D-.
U3_DP
AB
-
85
Upstream USB Port 3 D+.
U3_DM
AB
-
84
Upstream USB Port 3 D-.
D0_DP
AB
48
75
Downstream USB Port0 D+.
D0_DM
AB
47
74
Downstream USB Port0 D-.
D1_DP
AB
46
71
Downstream USB Port1 D+.
D1_DM
AB
45
70
Downstream USB Port1 D-.
D2_DP
AB
-
72
Downstream USB Port2 D+.
D2_DM
AB
-
73
Downstream USB Port2 D-.
D3_DP
AB
-
68
Downstream USB Port3 D+.
D3_DM
AB
-
69
Downstream USB Port3 D-.
VDDA_USB P
49
76
Power for USB Transceivers, 3.3V.
VSSA_USB P
52
79
Ground for USB Transceivers.
Table 1-4: USB Upstream (Device Controller) VBUS Pin Description
USB Upstream VBUS Pins
Pin Name
Type
Pin No
Pin Description
64
100
U0_VBUS I5, PD
64
99
Upstream Port 0 VBUS. Used to detect the VBUS status for Upstream Port 0
U1_VBUS I5, PD
63
98
Upstream Port 1 VBUS. Used to detect the VBUS status for Upstream Port 1
U2_VBUS I5, PD
-
97
Upstream Port 2 VBUS. Used to detect the VBUS status for Upstream Port 2
U3_VBUS I5, PD
-
100
Upstream Port 3 VBUS. Used to detect the VBUS status for Upstream Port 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com