Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX68004LF Datasheet(PDF) 21 Page - ASIX Electronics Corporation

Part # AX68004LF
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX68004LF Datasheet(HTML) 21 Page - ASIX Electronics Corporation

Back Button AX68004LF Datasheet HTML 17Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 18Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 19Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 20Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 21Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 22Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 23Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 24Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 25Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
21
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
Table 1-13: High Speed SPI Pin Description
High Speed SPI Interface
Pin
Name
Type
Pin No
Pin Description
64
100
MSS0
O5/T/4m 38
60
(36)
SPI Master controller Slave Select 0
(14).
MSS0 is a tri-stateable output, which requires an external pull-up resistor.
MSS1
O5/T/4m 23
38
SPI Master controller Slave Select 1
(15).
MSS1 is a tri-stateable output, which requires an external pull-up resistor.
MSS2
O5/T/4m - (25) 39
(40)
SPI Master controller Slave Select 2
(16).
MSS2 is a tri-stateable output, which requires an external pull-up resistor.
MSCLK O5/T/4m 21
35
(34)
SPI Master controller CLocK
(14). MSCLK is a tri-stateable output. At Mode 0
or 2, SCLK requires external pull-down resistor; while at Mode 1 or 3, SCLK
requires external pull-up resistor.
MMISO I5
34
53
(29)
SPI Master controller Master Input Slave Output line
(14).
MMISO is used to receive serial data.
MMOSI O5/T/4m 35
55
(32)
SPI Master controller Master Output Slave Input line
(14).
MMOSI is used to transmit serial data and is a tri-stateable output.
SSS
I5
- (38) 36
(60)
SPI Slave controller Slave Select
(17).
SSS is an active low input
SSCLK
I5
- (21) 34
(35)
SPI Slave controller CLocK
(17).
SMISO
O5/T/4m - (34) 29
(53)
SPI Slave controller Master Input Slave Output line
(17).
SMISO is used to transmit serial data and is a tri-stateable output.
SMOSI
I5
- (35) 32
(55)
SPI Slave controller Master Output Slave Input line
(17).
SMOSI is used to receive serial data.
Note 14: To enable these multi-function pins, please set MP0_74_PSEL = 1 in HWCFG offset 0x001 and
SPI_SW_PSEL = 0 in HWCFG offset 0x003.In AX68004 package, MSS0/MSCLK/MMISO/MMOSI
have two pinouts options, and the parenthesis indicates the 2
nd option, enabled by setting MP3_30_PSEL
= 1 in HWCFG offset 0x003 and SPI_SW_PSEL = 1.
Note 15: To enable these multi-function pins, please set MP2_0_PSEL = 1 in HWCFG offset 0x002.
Note 16: To enable these multi-function pins, please set MP1_7_PSEL = 1 in HWCFG offset 0x001. MSS2 have
two pinouts options, and the parenthesis indicates the 2
nd option, enabled by setting BUZZER_PSEL = 1
in HWCFG offset 0x003.
Note 17: To enable these multi-function pins, please set MP3_30_PSEL = 1 and SPI_SW_PSEL = 0. In AX68004
package, SSS/SSCLK/SMISO/SMOSI has two pinouts options, and the parenthesis indicates the 2
nd
option, enabled by setting MP0_74_PSEL = 1 and SPI_SW_PSEL = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com