Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX68004LF Datasheet(PDF) 26 Page - ASIX Electronics Corporation

Part # AX68004LF
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX68004LF Datasheet(HTML) 26 Page - ASIX Electronics Corporation

Back Button AX68004LF Datasheet HTML 22Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 23Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 24Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 25Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 26Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 27Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 28Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 29Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 30Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
26
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
2.5 Memory Controller and On-Chip Data Memory
AX6800x supports xDATA memory of CPU up to 32K bytes.
The Memory Arbiter – provides fair access arbitration for xDATA memory (on-chip 32KB Data SRAM) among
CPU and the DMA Controllers.
2.6 DMA Controller
The DMA Controllers support direct xDATA memory (on-chip 32KB Data SRAM) read and write access without
CPU intervention for the USB Host Controller, USB Device Controller, High Speed SPI, I2C, High Speed UART
1, as well as bulk data copy for Software DMA.
2.7 Interrupt Controller
The Interrupt Controller supports one external interrupt pin, INT0, having two levels of interrupt priority control.
They can be in high or low-level priority group (set via IP and EIP SFR register). The INT0 external interrupt pins
can be either low-level trigger or falling-edge trigger. Also, the Interrupt Controller supports various interrupt
requests internal to AX6800x, again each having two levels of interrupt priority control.
2.8 Watchdog Timer
The Watchdog Timer is a user programmable clock counter that can serve as:
A time-base generator
An event timer
System supervisor
The watchdog timer runs on the operating system clock, which supplies to a series of dividers. The divider output
is selectable, and determines interval between timeouts.
When the timeout is reached, an interrupt flag will be set, and if enabled, a reset will occur (to reset CPU core). The
interrupt flag will cause an interrupt to occur if enabled. The reset and interrupt are discrete functions that may be
acknowledged or ignored, together or separately for various applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com