Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845GL Datasheet(PDF) 118 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 118 Page - Intel Corporation

Back Button 845GL Datasheet HTML 114Page - Intel Corporation 845GL Datasheet HTML 115Page - Intel Corporation 845GL Datasheet HTML 116Page - Intel Corporation 845GL Datasheet HTML 117Page - Intel Corporation 845GL Datasheet HTML 118Page - Intel Corporation 845GL Datasheet HTML 119Page - Intel Corporation 845GL Datasheet HTML 120Page - Intel Corporation 845GL Datasheet HTML 121Page - Intel Corporation 845GL Datasheet HTML 122Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 193 page
background image
Functional Description
118
Intel® 82845G/82845GL/82845GV GMCH Datasheet
Reads
• Read cycle is immediately retried (the GMCH retries the read cycle in three PCI clocks from
GFRAME# driven active) due to a pending processor-AGP or hub interface-AGP write
transaction. It is further handled using the Delayed Transaction mechanism described in a later
section. This can occur as a result of the processor posting memory write cycles to the AGP or
the GMCH storing a processor to AGP write cycle in the deferred queue. The SDRAM read
cycle is immediately retried and the GMCH initiates the Delayed Transaction activity by
issuing a single snoop on the processor bus. The Delayed transaction cannot complete until
after the pending processor-AGP or hub interface-AGP transactions have been completed on
the AGP.
• Processor-to-AGP write or hub interface-to-AGP write is posted after the processing of AGP/
PCI to SDRAM read has started but prior to data being returned. This scenario can occur due
to the level of concurrency supported by GMCH. The AGP/PCI cycle will be retried as soon as
condition is recognized and it is further handled as a Delayed Transaction.
• Processor-to-AGP read request is internally pending when an AGP-DRAM read is issued or
processor-to-AGP read request is issued after an AGP-DRAM read request is generated. The
AGP cycle is retried based on 32-clock timeout. The timer is triggered at the point when
internally pending processor-to-AGP read request is observed.
• Processor-to-AGP write occurs after AGP-to-SDRAM memory read line or memory read
multiple data has been returned. The GMCH stops snooping ahead when the processor-to-
AGP write occurs and the GMCH disconnects when the last DWord of data is read (between 2
and 3 cachelines).
• AGP-DRAM burst is disconnected after crossing the 4-KB address boundary.
• AGP-DRAM burst is disconnected if consecutive data phase can not complete within 8 clocks
and there is an AGP non-snoopable request or host bridge-to-AGP request pending.
• AGP-DRAM burst is disconnected after crossing a 2-KB address. No snoop is generated into
next 2-KB page.
Writes
• If the AGP/PCI Inbound buffer is full, the GMCH retries initial write request in the presence of
a pending AGP request issued by the AGP master using enhanced AGP protocol (i.e., non-
snoopable) or in the presence of host bridge request for AGP ownership (when there is a
pending processor-AGP or hub interface-AGP transaction).
• If the AGP Inbound buffer is full and there is no pending AGP non-snoopable request and no
host bridge request, the GMCH inserts wait states. It retries as soon as AGP non-snoopable
request is generated or an internal host bridge to AGP request is generated.
• If AGP Inbound buffers become full during the burst, the GMCH disconnects within 8 clocks
if there is an AGP non-snoopable request or host bridge-to-AGP request present.
An AGP-DRAM burst is disconnected after crossing the 2-KB address boundary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com