Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845GL Datasheet(PDF) 119 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 119 Page - Intel Corporation

Back Button 845GL Datasheet HTML 115Page - Intel Corporation 845GL Datasheet HTML 116Page - Intel Corporation 845GL Datasheet HTML 117Page - Intel Corporation 845GL Datasheet HTML 118Page - Intel Corporation 845GL Datasheet HTML 119Page - Intel Corporation 845GL Datasheet HTML 120Page - Intel Corporation 845GL Datasheet HTML 121Page - Intel Corporation 845GL Datasheet HTML 122Page - Intel Corporation 845GL Datasheet HTML 123Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
119
Functional Description
4.4
Integrated Graphics Device (IGD)
The GMCH provides a highly integrated graphics accelerator while allowing a flexible integrated
system graphics solution (see Figure 4-1).
High-bandwidth access to data is provided through the system memory port. The GMCH can
access graphics data located in system memory at 1.0 GB/s (using SDR, PC133 memory),
1.6 GB/s (using DDR200 memory), and 2.1 GB/s (using DDR266). The GMCH uses Intel’s Direct
Memory Execution model to fetch textures from system memory. The GMCH includes a cache
controller to avoid frequent memory fetches of recently used texture data.
The GMCH is able to drive an integrated DAC, and/or two DVO ports (multiplexed with AGP)
capable of driving an ADD card. The DAC is capable of driving a standard progressive scan analog
monitor with resolutions up to 2048x1536 at 60 Hz. The DVO ports are capable of driving a variety
of TV-Out, TMDS, and LVDS transmitters.
The GMCH’s IGD contains several functional units (see Figure 4-1). The major components in the
IGD are the graphics engines, planes, pipe, and ports. The GMCH has a 3D/2D Instruction
Processing unit to control the 3D and 2D engines. Data is input to the IGD’s 2D and 3D engines
from the system memory controller. The output of the engines are surfaces sent to memory, which
are then retrieved and processed by GMCH’s planes.
The GMCH contains a variety of planes (e.g., primary display, overlay, cursor, and VGA). The
IGD does not support VGA memory accesses during graphics accelerator operations (e.g., 2D and
3D engine activity). The Intel graphics driver controls VGA and high-resolution graphics
interaction. VGA and high resolution interaction will remain exclusive.
A plane consists of a rectangular shaped image that has characteristics such as source, size,
position, method, and format. These planes get attached to source surfaces that are rectangular
memory surfaces with a similar set of characteristics. They are also associated with a destination
pipe.
A pipe consists of a set of combined planes and a timing generator. The GMCH has a single display
pipe, which means that the GMCH can support a single display stream. A port is the destination for
the result of the pipe. The GMCH contains three display ports, 1 analog (DAC), and two digital
(DVO ports B and C). The ports will be explained in more detail in a subsequent section.
Figure 4-1. Intel® GMCH Graphics Block Diagram
Instr./
Data
3D Engine
Setup/Tranform
Scan Conversion
Texture Engine
Raster Engine
2D Engine
Primary
Display
Alpha
Blend/
Gamm
/CRC
Cntl
Mux
Port
DAC
DVOC
DVOB
DDC
Overlay
VGA
Overlay
Cursor
Video Engine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com