Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845GL Datasheet(PDF) 127 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 127 Page - Intel Corporation

Back Button 845GL Datasheet HTML 123Page - Intel Corporation 845GL Datasheet HTML 124Page - Intel Corporation 845GL Datasheet HTML 125Page - Intel Corporation 845GL Datasheet HTML 126Page - Intel Corporation 845GL Datasheet HTML 127Page - Intel Corporation 845GL Datasheet HTML 128Page - Intel Corporation 845GL Datasheet HTML 129Page - Intel Corporation 845GL Datasheet HTML 130Page - Intel Corporation 845GL Datasheet HTML 131Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
127
Functional Description
4.4.1.7
GMCH VGA Registers
The 2D registers are a combination of registers defined by IBM when the Video Graphics Array
(VGA) was first introduced and others that Intel has added to support graphics modes that have
color depths, resolutions, and hardware acceleration features that go beyond the original VGA
standard.
4.4.1.8
Logical 128-Bit Fixed BLT and 256-Bit Fill Engine
Using this BLT engine accelerates the Graphical User Interface (GUI) of Microsoft Windows*.
The 128-bit GMCH BLT Engine provides hardware acceleration of block transfers of pixel data for
many common Windows operations. The term BLT refers to a block transfer of pixel data between
memory locations. The BLT engine can be used for the following:
• Move rectangular blocks of data between memory locations.
• Data Alignment.
• Perform logical operations (raster ops).
The GMCH BLT engine has the ability to expand monochrome data into a color depth of 8, 16, or
32 bits. BLTs can be either opaque or transparent. Opaque transfers, move the data specified to the
destination. Transparent transfers, compare destination color to source color and write according to
the mode of transparency selected.
Data is horizontally and vertically aligned at the destination. If the destination for the BLT overlaps
with the source memory location, the GMCH can specify which area in memory to begin the BLT
transfer. Hardware is included for all 256 raster operations (Source, Pattern, and Destination)
defined by Microsoft, including transparent BLT.
The GMCH has instructions to invoke BLT and STRBLT operations, permitting software to set up
instruction buffers and use batch processing. The GMCH can perform hardware clipping during
BLTs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com