Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845GL Datasheet(PDF) 131 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 131 Page - Intel Corporation

Back Button 845GL Datasheet HTML 127Page - Intel Corporation 845GL Datasheet HTML 128Page - Intel Corporation 845GL Datasheet HTML 129Page - Intel Corporation 845GL Datasheet HTML 130Page - Intel Corporation 845GL Datasheet HTML 131Page - Intel Corporation 845GL Datasheet HTML 132Page - Intel Corporation 845GL Datasheet HTML 133Page - Intel Corporation 845GL Datasheet HTML 134Page - Intel Corporation 845GL Datasheet HTML 135Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
131
Functional Description
4.5
Display Interfaces
The GMCH has three display ports, one analog and two digital. Each port can transmit data
according to one or more protocols. The digital ports are connected to an external device that
converts one protocol to another. Examples of this are TV encoders, external DACs, LVDS
transmitters, and TMDS transmitters. Each display port has control signals that may be used to
control, configure, and/or determine the capabilities of an external device.
The GMCH has one dedicated display port, the analog port. DVO ports B and C are multiplexed
with the AGP interface. When a system utilizes an AGP connector, DVO ports B and C can be
utilized via an ADD (AGP Digital Display) card. Ports B and C can also operate in dual channel
mode, where the data bus is connected to both display ports, allowing a single device to take data at
twice the pixel rate.
The GMCH’s analog port uses an integrated 350 MHz RAMDAC that can directly drive a standard
progressive scan analog monitor up to a resolution of 2048x1536 pixels with 32-bit color at 60 Hz.
The GMCH’s DVO ports are each capable of driving a 165 MHz pixel clock. Each port is capable
of driving a digital display up to 1600x1200 at 60 Hz. When in dual-channel mode, the GMCH can
drive a flat panel up to 2048x1536 at 60 Hz or dCRT/HDTV up to 1920x1080 at 85 Hz.
The GMCH is compliant with Digital Visual Interface (DVI) Specification, Revision 1.0. When
combined with a DVI compliant external device and connector, the GMCH has a high-speed
interface to a digital display (e.g., flat panel or digital CRT).
NOTE:
1. Single signal software selectable between display enable and Blank#.
Table 4-9. Display Port Characteristics
Interface Protocol
Analog
Digital Port B
Digital Port C
RGB DAC
Intel® DVO 2.0
DVO 2.0
HSYNC
Yes Enable/Polarity
VSYNC
Yes Enable/Polarity
BLANK
No
Yes(1)
Yes(1)
STALL
No
Yes
Yes
Field
No
Yes
Yes
Display_Enable
No
Yes(1)
Image Aspect Ratio
Programmable and typically 1.33:1 or 1.78:1
Pixel Aspect Ratio
Square(1)
Voltage
RGB 0.7 V p-p
1.5 V
1.5 V
Clock
NA
Differential
Max Rate
350 Mpixel
165/330 Mpixel
Format
Analog RGB
RGB 8:8:8 YUV 4:4:4
Control Bus
DDC1/DDC2B
DDC2B
External Device
No
TMDS/LVDS Transmitter /TV Encoder
Connector
VGA/DVI-I
DVI/CVBS/S-Video/Component/SCART
Special Functions
Monitor Sense
Dual Channel Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com