Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845GL Datasheet(PDF) 135 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 135 Page - Intel Corporation

Back Button 845GL Datasheet HTML 131Page - Intel Corporation 845GL Datasheet HTML 132Page - Intel Corporation 845GL Datasheet HTML 133Page - Intel Corporation 845GL Datasheet HTML 134Page - Intel Corporation 845GL Datasheet HTML 135Page - Intel Corporation 845GL Datasheet HTML 136Page - Intel Corporation 845GL Datasheet HTML 137Page - Intel Corporation 845GL Datasheet HTML 138Page - Intel Corporation 845GL Datasheet HTML 139Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
135
Functional Description
DDC (Display Data Channel)
The multiplexed digital display interface uses the MDVI_CLK and MDVI_DATA signals to
interrogate the panel. The GMCH supports the DDC2B protocol to initiate the transfer of EDID
data. The multiplexed digital display interface uses the M_I2C bus to interrogate the external
transmitter.
Optional High Speed (Dual-Channel) Interface
The multiplexed digital display ports can operate in a single 24-bit mode. The 24-bit mode uses the
12-bit DVOC data pins combined with the DVOB data pins to make a 24-bit bus. This doubles the
transfer rate capabilities of the port. In the single port case, horizontal periods have a granularity of
a single pixel clock; in the double case, horizontal periods have a granularity of two pixel clocks. In
both cases, data is transferred on both edges of the differential clock. The GMCH can output the
data in a high-low fashion, with the lower 12 bits of the pixel on one DVO port and the upper
12 bits of data on the other DVO port. In this manner, the GMCH transfers an entire pixel per clock
edge (2 pixels per clock). In addition to this, the GMCH also can transfer dual-channel data in odd-
even format. In this mode, the GMCH transfers all odd pixels on DVOC and all even pixels on
DVOB. In this format, each DVO port sees both the high and low half of the pixel, but only sees
half of the pixels transferred. As in high-low mode, two full pixels are transferred per clock period.
The high-low ordering within each pixel can be modified through DVO control registers.
Intel® DVO Modes
In single channel mode, the order of pixel transmission (high-low vs. low-high) can be adjusted via
the data ordering bit of that DVO port’s control register. As mentioned above, when in dual -
channel mode, the GMCH can transmit data in a high-low or odd-even format. In high-low mode,
software can choose which half goes to which port. A 0 = DVOB Lo/DVOC Hi, and a 1 = DVOB
Hi/ DVOC Lo. In odd/even mode, the odd pixels will always go out to DVOC and even pixels will
always go out to DVOB. Which DVO port is even and which is odd cannot be switched, but the
data order bit can be used to change the active data order within the even and odd pixels. The
GMCH considers the first pixel to be pixel zero and sends it out to DVOB.
4.5.2.2
Synchronous Display
Microsoft Windows* 98 and Windows* 2000 have enabled support for multi-monitor display.
Synchronous mode will display the same information on multiple displays.
Since the GMCH has several display ports available for its single pipe, it can support synchronous
display on two displays, unless one of the displays is a TV. No synchronous display is available
when a TV is in use. The GMCH does not support two synchronous digital displays. The GMCH
cannot drive multiple displays concurrently (different data or timings). In addition, the GMCH
cannot operate in parallel with an external AGP device. The GMCH can, however, work in
conjunction with a PCI graphics adapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com