Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845GL Datasheet(PDF) 137 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 137 Page - Intel Corporation

Back Button 845GL Datasheet HTML 133Page - Intel Corporation 845GL Datasheet HTML 134Page - Intel Corporation 845GL Datasheet HTML 135Page - Intel Corporation 845GL Datasheet HTML 136Page - Intel Corporation 845GL Datasheet HTML 137Page - Intel Corporation 845GL Datasheet HTML 138Page - Intel Corporation 845GL Datasheet HTML 139Page - Intel Corporation 845GL Datasheet HTML 140Page - Intel Corporation 845GL Datasheet HTML 141Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
137
Functional Description
4.6.5
Monitor State Control
• D0 (On): In this state, both HSYNC and VSYNC are pulsed.
• D1 (Standby): The D1 monitor state is the standby mode. VSYNC is pulsed.
• D2 (Suspend): The D2 monitor state is the suspend mode. HSYNC is pulsed.
• D3 (Off): The D3 power state is the off mode. HSYNC and VSYNC are not pulsed in this
state.
4.7
Clocking
Figure 4-2 shows a block diagram of an 845G chipset-based system. The GMCH has the following
clocks:
• 100/133 MHz, Spread spectrum, Low voltage (0.7 V) Differential HCLKP/HCLKN for PSB
• 66.667 MHz, Spread spectrum, 3.3 V GCLKIN for hub interface and AGP
• 48 MHz, Non-Spread spectrum, 3.3 V DREFCLK for the Display frequency syntheses
• Up to 85 MHz, 1.5 V DVOBC_CLKINT for TV-Out mode
The GMCH has inputs for a low voltage, differential pair of clocks called HCLKP and HCLKN.
These pins receive a host clock from the external clock synthesizer. This clock is used by the host
interface and system memory logic. The graphics engine also uses this clock.
The graphics core and display interfaces are asynchronous to the rest of the GMCH. The Graphics
core runs at 200 MHz. The display PLL uses the Non-Spread Spectrum 48 MHz input to generate a
frequency range of 12 MHz–350 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com