Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845GL Datasheet(PDF) 141 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 141 Page - Intel Corporation

Back Button 845GL Datasheet HTML 137Page - Intel Corporation 845GL Datasheet HTML 138Page - Intel Corporation 845GL Datasheet HTML 139Page - Intel Corporation 845GL Datasheet HTML 140Page - Intel Corporation 845GL Datasheet HTML 141Page - Intel Corporation 845GL Datasheet HTML 142Page - Intel Corporation 845GL Datasheet HTML 143Page - Intel Corporation 845GL Datasheet HTML 144Page - Intel Corporation 845GL Datasheet HTML 145Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
141
System Address
5.1.1
Compatibility Area
This area is divided into the following address regions:
• 0 – 640 KB DOS Area
• 640 – 768 KB Video Buffer Area
• 768 – 896 KB in 16-KB sections (total of 8 sections) - Expansion Area
• 896 – 960 KB in 16-KB sections (total of 4 sections) - Extended System BIOS Area
• 960 KB – 1 MB Memory (BIOS Area) - System BIOS Area
There are fifteen memory segments in the compatibility area. Thirteen of the memory ranges can
be enabled or disabled independently for both read and write cycles.
DOS Area (00000h–9FFFFh)
The DOS area is 640 KB in size and is always mapped to the main memory controlled by the
GMCH.
Legacy VGA Ranges (A0000h–BFFFFh)
The legacy 128-KB VGA memory range A0000h–BFFFFh (Frame Buffer) can be mapped to IGD
(Device 2), to AGP/PCI_B (Device 1), and/or to the Hub Interface depending on the programming
of the VGA steering bits. Priority for VGA mapping is constant in that the GMCH always decodes
internally mapped devices first. Internal to the GMCH, decode precedence is given to IGD. The
GMCH always positively decodes internally mapped devices (IGD and AGP/PCI_B). Subsequent
decoding of regions mapped to AGP/PCI_B or the hub interface depends on the Legacy VGA
configurations bits (VGA Enable and MDAP). This region is also the default for SMM space.
Table 5-1. Memory Segments and Their Attributes
Memory Segments
Attributes
Comments
000000h–09FFFFh
fixed - always mapped to main
SDRAM
0 to 640K – DOS Region
0A0000h–0BFFFFh
mapped to Hub Interface, AGP, or
IGD - configurable as SMM space
Video Buffer (physical SDRAM
configurable as SMM space)
0C0000h–0C3FFFh
WE, RE
Add-on BIOS
0C4000h–0C7FFFh
WE, RE
Add-on BIOS
0C8000h–0CBFFFh
WE, RE
Add-on BIOS
0CC000h–0CFFFFh
WE, RE
Add-on BIOS
0D0000h–0D3FFFh
WE, RE
Add-on BIOS
0D4000h–0D7FFFh
WE, RE
Add-on BIOS
0D8000h–0DBFFFh
WE, RE
Add-on BIOS
0DC000h–0DFFFFh
WE, RE
Add-on BIOS
0E0000h–0E3FFFh
WE, RE
BIOS Extension
0E4000h–0E7FFFh
WE, RE
BIOS Extension
0E8000h–0EBFFFh
WE, RE
BIOS Extension
0EC000h–0EFFFFh
WE, RE
BIOS Extension
0F0000h–0FFFFFh
WE, RE
BIOS Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com