Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845GL Datasheet(PDF) 144 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 144 Page - Intel Corporation

Back Button 845GL Datasheet HTML 140Page - Intel Corporation 845GL Datasheet HTML 141Page - Intel Corporation 845GL Datasheet HTML 142Page - Intel Corporation 845GL Datasheet HTML 143Page - Intel Corporation 845GL Datasheet HTML 144Page - Intel Corporation 845GL Datasheet HTML 145Page - Intel Corporation 845GL Datasheet HTML 146Page - Intel Corporation 845GL Datasheet HTML 147Page - Intel Corporation 845GL Datasheet HTML 148Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 193 page
background image
System Address
144
Intel® 82845G/82845GL/82845GV GMCH Datasheet
Table 5-2 details the location and attributes of the regions. Enabling/disabling these ranges are
described in the GMCH Control Register Device 0 (GC).
Extended SMRAM Address Range (HSEG and TSEG)
The HSEG and TSEG SMM transaction address spaces reside in this extended memory area.
HSEG
SMM-mode processor accesses to enabled HSEG are remapped to 000A0000h–000BFFFFh. Non-
SMM-mode processor accesses to enabled HSEG are considered invalid are terminated
immediately on the PSB. The exceptions to this rule are Non-SMM-mode Write Back cycles that
are remapped to SMM space to maintain cache coherency. AGP and hub interface-originated
cycles to enabled SMM space are not allowed. Physical SDRAM behind the HSEG transaction
address is not remapped and is not accessible.
TSEG
TSEG can be up to 1 MB in size and is at the top of physical memory. SMM-mode processor
accesses to enabled TSEG access the physical SDRAM at the same address. Non-SMM-mode
processor accesses to enabled TSEG are considered invalid and are terminated immediately on the
PSB. The exceptions to this rule are Non-SMM-mode Write Back cycles that are directed to the
physical SMM space to maintain cache coherency. AGP and hub interface-originated cycles to
enabled SMM space are not allowed.
The size of the SMRAM space is determined by the USMM value in the SMRAM register. When
the extended SMRAM space is enabled, non-SMM processor accesses and all other accesses in this
range are forwarded to the hub interface. When SMM is enabled, the amount of memory available
to the system is equal to the amount of physical SDRAM minus the value in the TSEG register.
Table 5-2. Pre-allocated Memory
Memory Segments
Attributes
Comments
00000000h–03E7FFFFh
R/W
Available System Memory 62.5 MB
03E80000h–03F7FFFFh
R/W
Pre-allocated Graphics VGA memory.
1 MB (or 512 K or 8 MB) when IGD is
enabled.
03F80000h–03FFFFFFh
SMM Mode Only - processor
reads
TSEG Address Range
03F80000h–03FFFFFFh
SMM Mode Only - processor
reads
TSEG Pre-allocated Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com