Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845GL Datasheet(PDF) 148 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 148 Page - Intel Corporation

Back Button 845GL Datasheet HTML 144Page - Intel Corporation 845GL Datasheet HTML 145Page - Intel Corporation 845GL Datasheet HTML 146Page - Intel Corporation 845GL Datasheet HTML 147Page - Intel Corporation 845GL Datasheet HTML 148Page - Intel Corporation 845GL Datasheet HTML 149Page - Intel Corporation 845GL Datasheet HTML 150Page - Intel Corporation 845GL Datasheet HTML 151Page - Intel Corporation 845GL Datasheet HTML 152Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 193 page
background image
Electrical Characteristics
148
Intel® 82845G/82845GL/82845GV GMCH Datasheet
6.3
Power Characteristics
NOTES:
1. See Intel® 845G/845GL/845GV Chipset: Intel® 82845G/82845GL/82845GV Graphics and Memory Controller
Hub (GMCH) Thermal and Mechanical Design Guidelines
for more information.
2. These current levels may happen simultaneously and can be summed into one supply.
6.4
Signal Groups
The signal description includes the type of buffer used for the particular signal (see Table 6-4):
AGTL+
Open Drain AGTL+ interface signal. Refer to the AGTL+ I/O Specification
for complete details. The GMCH integrates most AGTL+ termination
resistors.
AGP
AGP interface signals. These signals are compatible with AGP 2.0 1.5 V
Signaling Environment DC and AC Specifications. The buffers are not 3.3 V
tolerant. (DVO signals use the same buffers as AGP)
HI CMOS
Hub Interface 1.5 V CMOS buffers.
DDR CMOS
DDR System memory 2.5 V CMOS buffers.
SDR CMOS
SDR System memory 3.3 V CMOS buffers.
Table 6-3. Power Characteristics
Symbol
Parameter
Max
Unit
Notes
PGMCH(DDR)
Thermal Design Power
W
1
PGMCH(SDR)
Thermal Design Power
W
1
IVCC(DDR)
1.5 V Core Supply Current
2.46
A
2
IVCC(SDR)
1.5 V Core Supply Current
2.0
A
2
IVCCAGP
1.5 V AGP Supply Current (AGP mode)
0.37
A
2
IVCCAGP
1.5 V AGP Supply Current (DVO mode)
0.18
A
2
IVCCHI
1.5 V Hub Interface Supply Current
90
mA
2
IVTTFSB
GMCH VTT supply Current
2.4
A
IVCCSM(DDR)
DDR System Memory Interface (2.5 V) Supply Current
2.2
A
ISUS_2.5
2.5 V Standby Supply Current
95
mA
IVCCSM(SDR)
SDR System Memory Interface (3.3 V) Supply Current
1.6
A
ISUS_3.3
3.3 V Standby Supply Current
5
mA
Table 6-4. Signal Groups (Sheet 1 of 2)
Signal
Group
Signal Type
Signals
AGP Interface Signal Groups
(a)
AGP I/O
GADSTB_[1:0], GADSTB_[1:0]#, GFRAME#, GIRDY#, GTRDY#,
GSTOP#, GDEVSEL#, GAD_[31:0], GC/BE_[3:0]#, GPAR
(b)
AGP Input
GPIPE#, GSBA_[7:0], GRBF#, GWBF#, GSBSTB, GSBSTB#, GREQ#
(c)
AGP Output
GST_[2:0], GGNT#
(d)
AGP Miscellaneous
AGP_VREF, AGP_RCOMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com