Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845GL Datasheet(PDF) 149 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 149 Page - Intel Corporation

Back Button 845GL Datasheet HTML 145Page - Intel Corporation 845GL Datasheet HTML 146Page - Intel Corporation 845GL Datasheet HTML 147Page - Intel Corporation 845GL Datasheet HTML 148Page - Intel Corporation 845GL Datasheet HTML 149Page - Intel Corporation 845GL Datasheet HTML 150Page - Intel Corporation 845GL Datasheet HTML 151Page - Intel Corporation 845GL Datasheet HTML 152Page - Intel Corporation 845GL Datasheet HTML 153Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
149
Electrical Characteristics
Hub Interface Signal Groups
(e)
Hub Interface
CMOS I/O
HI_[10:0], HISTBS, HISTBF
(f)
Hub Interface
Miscellaneous
HI_SWING, HI_VREF, HI_RCOMP
Host Interface Signal Groups
(g)
AGTL+ I/O
ADS#, BNR#, DBSY#, DINV_[3:0]#, DRDY#, HA_[31:3]#, HADSTB_[1:0]
#, HD_[63:0]#,HDSTBP_[3:0]#, HDSTBN_[3:0]#, HIT#, HITM#,
HREQ_[4:0]#
(h)
AGTL+ Input
HLOCK#
(i)
AGTL+ Output
BPRI#, BREQ0#, CPURST#, DEFER#, HTRDY#, RS_[2:0]#
(j)
Host Clock Input
HCLKP, HCLKN
(k)
Host Miscellaneous
HDVREF_[2:0], HA_VREF, HCC_VREF, HX_RCOMP, HY_RCOMP,
HX_SWING, HY_SWING
DDR Interface Signal Groups
(l)
DDR SSTL_2 I/O
SDQ_[63:0], SDQS_[7:0]
(m)
DDR SSTL_2 Output
SDM_[7:0], SCMDCLK_[5:0], SCMDCLK_[5:0]#, SMAA_[12:0],
SMAB_[5,4,2,1], SBA_[1:0], SRAS#, SCAS#, SWE#, SCS_[3:0]#,
SCKE_[3:0], SRCVEN_OUT#
(n)
DDR SSTL_2 Input
SRCVEN_IN#
(o)
DDR Miscellaneous
SMXRCOMP, SMYRCOMP, SM_VREF
SDR Interface Signal Groups
(p)
SDRAM LVTTL I/O
SDQ_[63:0]
(q)
SDRAM LVTTL Output SDM_[7:0], SMAA_[12:0], SBA_[1:0], SRAS#, SCAS#, SWE#, SCS[7:0]#,
SCK_[7:0], SCKE_[3:0], SRDCLK_OUT
(r)
SDRAM LVTTL Input
SRDCLK_IN
(s)
SDRAM Miscella-
neous
SMXRCOMP, SMYRCOMP, SM_VREF
DAC Signal Groups
(t)
Display LVTTL Output
VSYNC, HSYNC
(u)
Display Analog
Outputs
RED, GREEN, BLUE, RED#, GREEN#, BLUE#
(v)
Display Miscellaneous
REFSET
Intel® DVO Signal Groups
(w)
DVOx Input
DVOBC_CLKINT, DVOx_FLD/STL, DVOBC_INTR#
(x)
DVOx Output
DVOx_CLK, DVOx_CLK#, DVOx_D[11:0], DVOx_HSYNC,
DVOx_VSYNC, DVOx_BLANK#
Reset and Miscellaneous Signal Groups
(y)
CMOS I/O
GCLKIN, RSTIN#, PWROK, DREFCLK, DDCA_CLK, DDCA_DATA
Table 6-4. Signal Groups (Sheet 2 of 2)
Signal
Group
Signal Type
Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com