Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845GL Datasheet(PDF) 151 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 151 Page - Intel Corporation

Back Button 845GL Datasheet HTML 147Page - Intel Corporation 845GL Datasheet HTML 148Page - Intel Corporation 845GL Datasheet HTML 149Page - Intel Corporation 845GL Datasheet HTML 150Page - Intel Corporation 845GL Datasheet HTML 151Page - Intel Corporation 845GL Datasheet HTML 152Page - Intel Corporation 845GL Datasheet HTML 153Page - Intel Corporation 845GL Datasheet HTML 154Page - Intel Corporation 845GL Datasheet HTML 155Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
151
Electrical Characteristics
Table 6-6.
DC Characteristics (Sheet 1 of 2)
Symbol
Signal
Group
Parameter
Min
Nom
Max
Unit
Notes
1.5 V AGP and Intel® DVO Interface: Functional Operating Range (VCC=1.5 V
± 5%)
VIL_AGP
(a,b,w) AGP/DVO Input Low Voltage
–0.5
0.4VDDQ
V
VIH_AGP
(a,b,w) AGP/DVO Input High Voltage
0.6VDDQ
VDDQ+0.5
V
VOL_AGP
(a,c,x) AGP/DVO Output Low Voltage
0.15VDDQ
V
Iol = 1 mA
VOH_AGP
(a,c,x) AGP/DVO Output High Voltage
0.85VDDQ
V
Ioh = -0.2 mA
ILEAK_AGP
(a,b,w) AGP/DVO Input Leakage Current
±10
µA 0<Vin<VCC1_5
CIN_AGP
(a,b,w) AGP/DVO Input Capacitance
4
pF
FC=1 MHz
1.5 V Hub Interface: Functional Operating Range (VCC=1.5 V
± 5%)
VIL_HI
(e)
Hub Interface Input Low Voltage
-0.3
HI_VREF–0.1
V
VIH_HI
(e)
Hub Interface Input High Voltage
HI_VREF+0.1
1.2
V
VOL_HI
(e)
Hub Interface Output Low Voltage
0.066
V
IOL= 1 mA
VOH_HI
(e)
Hub Interface Output High Voltage
0.6
1.2
V
IOUT=0.7/RCOMP
ILEAK_HI
(e)
Hub Interface Input Leakage Current
25
µA
CIN_HI
(e)
Hub Interface Input Capacitance
5
pF
FC=1 MHz
VTT DC Characteristics: Functional Operating Range (VTT= 1.15 V – 1.75 V)
VIL_AGTL+
(g,h)
Host AGTL+ Input Low Voltage
(2/3*VTT) –
0.1*GTLREF
V
VIH_AGTL+
(g,h)
Host AGTL+ Input High Voltage
(2/3*VTT) +
0.1*GTLREF
V
VOL_AGTL+
(g,I)
Host AGTL+ Output Low Voltage
1/3*VTT–0.1
1/3*VTT 1/3*VTT+0.1
V
VOH_AGTL+
(g,I)
Host AGTL+ Output High Voltage
VTT–0.1
VTT
V
IOL_AGTL+
(g,I)
Host AGTL+ Output Low Current
VTTmax /
0.75Rttmin
mA Rttmin=45 Ω
ILEAK_AGTL+
(g,h)
Host AGTL+ Input Leakage Current
± 10
µAVOL<Vpad<VTT
CPAD_AGTL+
(g,h)
Host AGTL+ Input
Capacitance
13.5
pF
FC=1 MHz
2.5 V DDR System Memory: Functional Operating Range (VCC=2.5 V
±5%)
VIL_DDR(DC)
(l,n)
DDR Input Low Voltage
-0.1*VCC
SMVREF
(DDR) – 0.15
V
VIH_DDR(DC)
(l,n)
DDR Input High Voltage
SMVREF
(DDR) + 0.15
1.1*VCC
V
VIL_DDR(AC)
(l,n)
DDR Input Low Voltage
–0.1*VCC
SMVREF
(DDR)–0.31
V
VIH_DDR(AC)
(l,n)
DDR Input High Voltage
SMVREF
(DDR) + 0.31
1.1*VCC
V
VOL_DDR
(l,m)
DDR Output Low Voltage
0.6
V
IOL = 13 mA
VOH_DDR
(l,m)
DDR Output High Voltage
1.9
V
IOH = 13 mA
ILeak_DDR
(l,n)
Input Leakage Current
±10
uA
CIN_DDR
(l,n)
DDR Input/Output Pin Capacitance
5.5
pF
FC=1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com