Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845GL Datasheet(PDF) 153 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 153 Page - Intel Corporation

Back Button 845GL Datasheet HTML 149Page - Intel Corporation 845GL Datasheet HTML 150Page - Intel Corporation 845GL Datasheet HTML 151Page - Intel Corporation 845GL Datasheet HTML 152Page - Intel Corporation 845GL Datasheet HTML 153Page - Intel Corporation 845GL Datasheet HTML 154Page - Intel Corporation 845GL Datasheet HTML 155Page - Intel Corporation 845GL Datasheet HTML 156Page - Intel Corporation 845GL Datasheet HTML 157Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
153
Electrical Characteristics
6.6
DAC Characteristics
The GMCH DAC (digital-to-analog converter) consists of three identical 8-bit DACs to provide
red, green, and blue color components. Each DAC can output a current from 0 to 255 units of
current, where one unit of current (LSB) is defined based on the VESA video signal standard.
6.6.1
DAC DC Characteristics
NOTES:
1. Measured at each R,G,B termination according to the VESA Test Procedure – Evaluation of Analog Display
Graphics Subsystems Proposal (Version 1, Draft 4, December 1, 2000)
2. Max steady-state amplitude
3. Min steady-state amplitude
4. Defined for a double 75
Ω termination
5. Set by external reference resistor value
6. INL and DNL measured & calculated according to VESA Video Signal Standards
7. Max full-scale voltage difference among R,G,B outputs (percentage of steady-state full-scale voltage)
Figure 6-1. System Bus HCLKP/N VCROSS Range
VHigh Average (mV) (Measured)
Vcross(rel) Max = 0.5 (Vhavg - 0.710) + .550
Vcross(rel) Min = 0.5 (Vhavg - 0.710) + .250
550
500
450
400
350
300
250
625
650
675
700
725
750
775
800
200
825
850
Vcross(rel) Max
Vcross(rel) Min
Vcross Range
For VHigh < 0.71V
Vcross Range
For VHigh > 0.71V
Table 6-7. DAC DC Characteristics: Functional Operating Range (VCCDAC = 1.5 V
±5%)
Parameter
Min
Typical
Max
Units
Notes
DAC Resolution
8
Bits
Note 1
Max Luminance (full-scale)
0.665
0.700
0.770
V
Notes 1, 2, 4, white video level
voltage
Min Luminance
0.000
V
Notes 1, 3, 4, black video level
voltage
LSB Current
73.2
µA
Notes 4, 5
Integral Linearity (INL)
–1.0
+1.0
LSB
Notes 1, 6
Differential Linearity (DNL)
–1.0
+1.0
LSB
Notes 1, 6
Video channel-channel voltage
amplitude mismatch
6%
Notes 7
Monotonicity
Guaranteed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com