Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VC/W Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM79C930VC/W
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VC/W Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM79C930VC/W Datasheet HTML 14Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 15Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 16Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 17Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 18Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 19Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 20Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 21Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 161 page
background image
18
Am79C930
PRELIMINARY
PCMCIA PIN FUNCTION SUMMARY (continued)
PCMCIA Pin Summary (continued)
Output Driver Types
Input Types
No. of
Pins
Pin Name
Pin Function
Pin Style
2
ADIN1–2
Comparator—A/D comparator inputs
TS1
12
V
CC
Power
I
13
GND
Ground
I
7
USER0–USER6
User-definable I/O pins with direct accessibility and control through TCR and
TIR registers
PTS3, PTS1
Name
Type
I
OL
I
OH
Load
TP1
Totem pole
4 mA
–4 mA
50 pF
TS1
Tri-state
4 mA
–4 mA
50 pF
TS2
Tri-state
24 mA
–4 mA
120 pF
PTS1
User-programmable tri-state
4 mA
–4 mA
50 pF
PTS2
User-programmable tri-state
12 mA
–4 mA
50 pF
PTS3
User-programmable tri-state
24 mA
–4 mA
120 pF
OD2
Open drain
24 mA
–4 mA
120 pF
XO
Xtal amplifier output
NA
NA
50 pF
Name
Type
Size of Pullup
Size of Pulldown
I
Input
NA
NA
IPU
Input with internal pullup device
>50K
Ω
NA
IPD
Input with internal pulldown device
NA
>50K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com