Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VC/W Datasheet(PDF) 41 Page - Advanced Micro Devices

Part # AM79C930VC/W
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VC/W Datasheet(HTML) 41 Page - Advanced Micro Devices

Back Button AM79C930VC/W Datasheet HTML 37Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 38Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 39Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 40Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 41Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 42Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 43Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 44Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 45Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 161 page
background image
P R E L I M I N A R Y
AMD
41
Am79C930
some functionality is only available in PCMCIA mode.
Pin functionality is programmed according to the follow-
ing table:
Note that a read of the ANTSLTD bit (TCR7[1]) will al-
ways give the current
ANTSLT/LA23 pin value without
inversion, regardless of pin configuration setting.
ANTSLT/
ANTSLT/
PCMCIA
ANTSEN
ANSLTLFN
ANTSLTLEN
LA23 Pin
LA23 Pin
Pin Value
TIR26[3]
TCR30[7]
TCR15[7]
Direction
Value
0
X
X
X
I
NA
(LA23 input function)
10
0
X
O
ANTSLT
(from internal antenna)
(diversity circuit)
1X
1
0
I
NA
1
X
1
1
O
TCR7[1]
11
0
X
O
TIR26[4] (write)
TIR26[5] (read)
Pin 142: TXCMD/LA21
The TXCMD/LA21 pin may be configured to operate as
input or output and may be configured to drive a trans-
ceiver control reference signal using one of two timing
sources plus input from the TXCMD bit of TIR11
(TIR11[0]). Note that some functionality is only available
in PCMCIA mode.
Pin functionality is programmed according to the
following table.
Transmit state machine generated signals
T1, T2, T3,
TXP
_ON and O_TX have the timing indicated in the
diagram in section
Am79C930-Based TX Power
Ramp Control.
Note that a read of the TXCMDT bit (TCR7[2]) will al-
ways give the current TXCMD/LA21 pin value without
inversion, regardless of pin configuration setting.
TXCMD/
TXCMD/
PCMCIA
RCEN
TXCMFN
TXCMEN
LA21 Pin
LA21 Pin
Pin Value
TIR11[3]
TCR30[5]
TCR15[5]
Direction
Value
0
X
X
X
I
NA
(LA21 input function)
1
0
X
X
O
O_TX
1
1
0
X
O
TIR11[0] + T1
11
1
0
I
NA
1
1
1
1
O
TCR7[2]
Pin 143:
TXDATA/LA20
The
TXDATA/LA20 pin may be configured to operate as
input or output and may be configured to drive inverted
transmit data. Note that some functionality is only
available in PCMCIA mode. Pin functionality is pro-
grammed according to the following table:
The
TXDATA signal is the inverse of the TXDATA signal
which is the TX data drawn from the TX FIFO using the
internal TX state machine control.
Note that a read of the TXDATALD bit (TCR7[0]) will al-
ways give the current
TXDATA/LA20 pin value without
inversion, regardless of pin configuration setting.
TXDATA/
TXDATA/
PCMCIA
TXDLFN
TXDLEN
LA20 Pin
LA20 Pin
Pin Value
TCR30[6]
TCR15[6]
Direction
Value
0
X
X
I
NA
(LA20 input function)
10
X
O
TXDATA
(from internal TX FIFO
using internal TX state machine timing)
11
0
I
NA
1
1
1
O
TCR7[0]
Pin 144: LLOCKE/SA15
The LLOCKE/SA15 pin may be configured to operate as
input or output. Note that some functionality is only avail-
able in PCMCIA mode. Pin functionality is programmed
according to the following table:
Note that a read of the LLOCKE bit (TIR11[4]) will al-
ways give the current LLOCKE/SA15 pin value without
inversion, regardless of pin configuration setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com