Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VC/W Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM79C930VC/W
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VC/W Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM79C930VC/W Datasheet HTML 35Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 36Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 37Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 38Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 39Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 40Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 41Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 42Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 161 page
background image
P R E L I M I N A R Y
AMD
39
Am79C930
Pin 115: TXC
The TXC pin may be configured for input or output op-
eration according to the table below:
TXC input configuration is the reset default configura-
tion. This configuration allows an external transceiver to
control the clock that serves as the reference for the
transmit data. While in this configuration, the internal TX
state machine continues to operate with a reference
clock derived from a divided version of the CLKIN input.
Since the external TXC source is not driving the
Am79C930 device TX state machine, there exists a
synchronizing FIFO between the CRC generator and
the TXDATA pin that is used only in the TXC input mode.
This serial FIFO is 16 bits long and is used to allow for
slight mismatch between the internal TX state machine
reference clock and the external TXC input clock. It is
imperative in the TXC input mode that the Data Rate se-
lected with the Data Rate bits of TCR30 must match the
expected TXC clock rate from the transceiver. If these
rates do not match, then there is a risk of internal serial
FIFO error which, if it occurred, would be signaled
through the ATFU and ATFO interrupts of TCR11.
TXCIN
TXC Pin
TXC Pin
TCR30[3]
Direction
Value
0
O
TXC
(result of internal divide of CLKIN)
1
I
NA
reset default condition
Pin 118:
LFPE
The
LFPE pin may be configured for input or output op-
eration according to the table below:
Note that a read of the LFPE bit (TIR0[1]) will always
yield the inverted logical sense of the current
LFPE pin
value, regardless of pin configuration setting.
Note that the value of the LFPE bit (TIR0[1]) also affects
the value of the LFCLK pin.
LFPEEN
LFPE
CLKGT20
LFPE Pin
LFPE Pin
LFCLK Pin
TCR13[6]
TIR0[1]
MIR9[7]
Direction
Value
Value
0
X
X
I
NA
LOW
1
0
X
O
HIGH
LOW
reset default condition
1
1
0
O
LOW
CLKIN
1
1
1
O
LOW
CLKIN
÷2
Pin 120:
HFPE
The
HFPE pin may be configured for input or output op-
eration according to the following table:
Note that a read of the HFPE bit (TIR0[0]) will always
yield the inverted logical sense of the current
HFPE pin
value, regardless of pin configuration setting.
Note that the value of the HFPE bit (TIR0[0]) also affects
the value of the HFCLK pin.
HFPEEN
HFPE
CLKGT20
HFPE Pin
HFPE Pin
HFCLK Pin
TCR13[5]
TIR0[0]
MIR9[7]
Direction
Value
Value
0
X
X
I
NA
LOW
1
0
X
O
HIGH
LOW
reset default condition
1
1
0
O
LOW
CLKIN
1
1
1
O
LOW
CLKIN
÷2
Pin 122: RXPE
The
RXPE pin may be configured for input or output op-
eration according to the following table:
Note that a read of the RXP bit (TIR0[2]) will always yield
the inverted logical sense of the current
RXPE pin value,
regardless of pin configuration setting.
RXPELEN
RXP
RXPE Pin
RXPE Pin
TCR13[0]
TIR0[2]
Direction
Value
0X
I
NA
1
0
O
HIGH
reset default condition
1
1
O
LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com