Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VC/W Datasheet(PDF) 63 Page - Advanced Micro Devices

Part # AM79C930VC/W
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VC/W Datasheet(HTML) 63 Page - Advanced Micro Devices

Back Button AM79C930VC/W Datasheet HTML 59Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 60Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 61Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 62Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 63Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 64Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 65Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 66Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 67Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 161 page
background image
P R E L I M I N A R Y
AMD
63
Am79C930
The following table indicates the mapping of all I/O re-
sources that are accessible through the Am79C930
PCMCIA system interface. Note that some resources
are physically located within the BIU, while others are lo-
cated in the TAI and still others exist as external Flash
and SRAM:
Am79C930 Device PCMCIA Mode I/O MAP
Resource
Resource
PCMCIA
Resource
Physical Location
Name
Mnemonic
I/O Address
SIR1[2:0]
Size
of Resource
SIR0: General
SIR0: GCR
00h
XXX*
1 byte
BIU
Configuration Register
SIR1: Bank Switching
SIR1: BSS
01h
XXX
1 byte
BIU
Select Register
SIR2: Local Memory
SIR2: LMAL
02h
XXX
1 byte
BIU
Address [7:0]
SIR3: Local Memory
SIR3: LMAU
03h
XXX
1 byte
BIU
Address [14:8]
SIR4: I/O Data
SIR4: DPLL
04h
XXX
1 byte
Indirect access to
Port[7:0]
SRAM or Flash
memory
SIR5: I/O Data
SIR5: DPLM
05h
XXX
1 byte
Indirect access to
Port[15:8]
SRAM or Flash
memory
SIR6: I/O Data
SIR6: DPUM
06h
XXX
1 byte
Indirect access to
Port [23:16]
SRAM or Flash
memory
SIR7: I/O Data
SIR7: DPUU
07h
XXX
1 byte
Indirect access to
Port [31:24]
SRAM or Flash
memory
TIR 0–7
–
08h – 0Fh
000
1 byte
TAI
each location
TIR 8–15
–
08h – 0Fh
001
1 byte
TAI
each location
TIR 16–23
–
08h – 0Fh
010
1 byte
TAI
each location
TIR 24–31
–
08h – 0Fh
011
1 byte
TAI
each location
UNDEFINED
–
10h – 3Fh
0XX
NA
UNDEFINED
TIR 0–31
–
08h – 27h
1X
1 byte
TAI
each location
UNDEFINED
–
28h – 3Fh
1XX
NA
UNDEFINED
*X = Don’t Care
ISA Plug and Play Mode Resources
The Am79C930 device fully supports the ISA Plug
and Play specification, revision 1.0a, including the
Plug and Play ADDRESS Auto-configuration port,
WRITE_DATA Auto-configuration port, READ_DATA
Auto-configuration port, and 19 of the Plug and Play
configuration registers, as well as providing a mecha-
nism for access to Flash memory for reading the
Am79C930 device’s Plug and Play Resource Data.
The following table indicates the range of I/O and mem-
ory addresses to which the Am79C930 device will re-
spond when operating in the ISA Plug and Play mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com