Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VC/W Datasheet(PDF) 100 Page - Advanced Micro Devices

Part # AM79C930VC/W
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VC/W Datasheet(HTML) 100 Page - Advanced Micro Devices

Back Button AM79C930VC/W Datasheet HTML 96Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 97Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 98Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 99Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 100Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 101Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 102Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 103Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 104Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 161 page
background image
AMD
P R E L I M I N A R Y
100
Am79C930
TIR21: CRC32 Correct Byte Count MSB
This register is the CRC32 Correct Byte Count
MSB register.
Bit
Name
Reset Value
Description
7–4
Reserved
–
Reserved. Must be written as a 0. Reads of this bit produce
undefined data.
3–0
C32C[11:8]
–
CRC32 Correct Count. The value in this register indicates the upper
4 bits of the 12-bit byte position when the CRC32 value was last cor-
rect. CRC32 value 001h corresponds to the first byte of the received
message following the Start of Frame Delimiter. If the value in this
register (and TIR20) does not match the length value indicated in
the frame header (plus overhead for PHY and MAC headers and
CRC) for frames that employ 32-bit CRC values, then the frame
should be rejected by the MAC firmware. Note that all bytes begin-
ning with the first byte following the Start of Frame Delimiter and in-
cluding the CRC bytes are included in the CRC32 Correct Count
value, but the bytes that are included in the CRC32 calculation are
dependent upon the setting of the PFL bits of TCR3.
TIR22: CRC8 Correct Byte Count LSB
This register is the CRC8 Correct Byte Count
LSB register.
Bit
Name
Reset Value
Description
7–0
C32C[7:0]
–
CRC8 Correct Count. The value in this register indicates the lower 8
bits of the 12-bit byte position when the CRC8 value was last cor-
rect. CRC8 value 001h corresponds to the first byte of the received
message following the Start of Frame Delimiter. If the value in this
register (and TIR22) does not match the length value indicated in
the frame header (plus overhead for PHY and MAC headers and
CRC) for frames that employ 8-bit CRC values, then the frame
should be rejected by the MAC firmware. Note that all bytes begin-
ning with the first byte following the Start of Frame Delimiter and in-
cluding the CRC bytes are included in the CRC8 Correct Count
value, but the bytes that are included in the CRC8 calculation are
dependent upon the setting of the PFL bits of TCR3.
TIR23: CRC8 Correct Byte Count MSB
This register is the CRC8 Correct Byte Count
MSB register .
Bit
Name
Reset Value
Description
7–4
Reserved
–
Reserved. Must be written as a 0. Reads of this bit produce
undefined data.
3–0
C8C[11:8]
–
CRC8 Correct Count. The value in this register indicates the upper
4 of the 12-bit byte position when the CRC8 value was last correct.
CRC8 value 001h corresponds to the first byte of the received mes-
sage following the Start of Frame Delimiter. If the value in this regis-
ter (and TIR22) does not match the length value indicated in the
frame header (plus overhead for PHY and MAC headers and CRC)
for frames that employ 8-bit CRC values, then the frame should be
rejected by the MAC firmware. Note that all bytes beginning with the
first byte following the Start of Frame Delimiter and including the
CRC bytes are included in the CRC8 Correct Count value, but the
bytes that are included in the CRC8 calculation are dependent upon
the setting of the PFL bits of TCR3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com