Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VC/W Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM79C930VC/W
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VC/W Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM79C930VC/W Datasheet HTML 1Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 2Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 3Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 4Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 5Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 6Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 7Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 8Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 161 page
background image
PRELIMINARY
This document contains information on a product under development at Advanced Micro Devices. The
information is intended to help you evaluate this product. AMD reserves the right to change or discontinue
work on this proposed product without notice.
Publication# 20183
Rev: B Amendment/0
Issue Date: April 1997
1
Am79C930
PCnet™-Mobile
Single-Chip Wireless LAN Media Access Controller
DISTINCTIVE CHARACTERISTICS
s Capable of supporting the IEEE 802.11 standard
(draft)
s Supports the Xircom Netwave™ media access
control (MAC) protocols
s Supports MAC layer functions
s Individual 8-byte transmit and 15-byte receive
FIFOs
s Integrated intelligent 80188 processor for MAC
layer functions
s Glueless PCMCIA bus interface conforming to
PC Card standard—Feb. 1995
s Full PCMCIA software interface support for PC
Card standard—Feb. 1995
s Glueless ISA (IEEE P996) bus interface with full
support for Plug and Play release 1.0a
s Glueless SRAM interface for MAC operations,
supporting up to 128 Kbytes of memory
s Glueless Flash memory interface, supporting
up to 128 Kbytes of non-volatile memory for
MAC control code, PCMCIA configuration
parameters, and ISA Plug and Play
configuration parameters
s Provides integrated Transceiver Attachment
Interface (TAI), supporting Frequency-Hopping
Spread Spectrum, Direct Sequence Spread
Spectrum, and infrared physical-layer
interfaces
s Antenna diversity selection support
s Fabricated with submicron CMOS technology
with low operating current
s Supports dual 3 V and 5 V supply applications
s Low-power mode allows reduced power
consumption for critical battery-powered
applications
s 144-pin Thin Quad Flat Pack (TQFP) package
available for space-critical applications, such as
PCMCIA
s JTAG Boundary Scan (IEEE 1149.1) test access
port for board-level production test
GENERAL DESCRIPTION
PCnet-Mobile (Am79C930) is the first in a series of mo-
bile networking products in AMD’s PCnet family. The
Am79C930 device is the first single-chip wireless LAN
media access controller (MAC) supporting the IEEE
802.11 (draft) standard and the Xircom Netwave™
MAC protocols. The Am79C930 device is designed to
have a flexible protocol engine to allow for industry
standard and proprietary protocols. Protocol firmware
for Xircom Netwave and IEEE 802.11 (draft) MAC pro-
tocols are supplied by AMD. It is pin-compatible with
the PCMCIA bus or the ISA (Plug and Play) bus
through a pin-strapping option.
The Am79C930 device contains a PCMCIA/ISA bus
interface unit (BIU), a MAC control unit, and a
transceiver attachment interface (TAI). The TAI sup-
ports frequency-hopping spread spectrum, direct
sequence spread spectrum, and infrared physical layer
interfaces. In addition, a power down function has been
incorporated to provide low standby current for power-
sensitive applications.
The Am79C930 device provides users with a media ac-
cess controller that has flexibility (i.e., bus interface,
protocol, and physical layer support) to allow the
design of multiple products using a single device. By
having all the necessary MAC functions on a single
chip, users only need to add memory and the physical
layer in order to deliver a fully functional wireless LAN
connection.


Similar Part No. - AM79C930VC/W

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C90 AMD-AM79C90 Datasheet
437Kb / 62P
CMOS Local Area Network Controller for Ethernet (C-LANCE)
logo
Pulse A Technitrol Comp...
AM79C90 PULSE-AM79C90 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Advanced Micro Devices
AM79C901A AMD-AM79C901A Datasheet
739Kb / 90P
HomePHY Single-Chip 1/10 Mbps Home Networking PHY
AM79C901AJC AMD-AM79C901AJC Datasheet
739Kb / 90P
HomePHY Single-Chip 1/10 Mbps Home Networking PHY
AM79C901AJCT AMD-AM79C901AJCT Datasheet
739Kb / 90P
HomePHY Single-Chip 1/10 Mbps Home Networking PHY
More results

Similar Description - AM79C930VC/W

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3841 INTERSIL-HFA3841 Datasheet
211Kb / 27P
Wireless LAN Medium Access Controller
January 2000
HFA3842 INTERSIL-HFA3842 Datasheet
512Kb / 26P
Wireless LAN Medium Access Controller
June 2001
ISL3873 INTERSIL-ISL3873 Datasheet
215Kb / 31P
Wireless LAN Integrated Medium Access Controller with Baseband Processor
February 2001
HFA3842A INTERSIL-HFA3842A Datasheet
528Kb / 27P
PCMCIA/USB Wireless LAN Medium Access Controller
April 2001
HFA3842B INTERSIL-HFA3842B Datasheet
519Kb / 26P
PCMCIA/USB Wireless LAN Medium Access Controller
June 2001
ISL3871A INTERSIL-ISL3871A Datasheet
37Kb / 1P
Wireless LAN Integrated Medium Access Controller with Baseband Processor
April 2002
ISL3873A INTERSIL-ISL3873A Datasheet
778Kb / 42P
Wireless LAN Integrated Medium Access Controller with Baseband Processor
September 2001
ISL3871IK18 INTERSIL-ISL3871IK18 Datasheet
28Kb / 1P
Wireless LAN Integrated Medium Access Controller with Baseband Processor
March 2003
logo
Digital Core Design
DMAC DCD-DMAC Datasheet
136Kb / 4P
Media Access Controller
logo
List of Unclassifed Man...
RTL8181 ETC2-RTL8181 Datasheet
513Kb / 50P
Wireless LAN Access Point/Gateway Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com