Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VC/W Datasheet(PDF) 35 Page - Advanced Micro Devices

Part # AM79C930VC/W
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VC/W Datasheet(HTML) 35 Page - Advanced Micro Devices

Back Button AM79C930VC/W Datasheet HTML 31Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 32Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 33Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 34Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 35Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 36Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 37Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 38Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 39Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 161 page
background image
P R E L I M I N A R Y
AMD
35
Am79C930
Note that a read of the USERDT[0] bit (TIR29[0]) will al-
ways give the current USER0/RFRSH pin value, regard-
less of pin configuration setting.
Pin 91: USER1/IRQ12/EXTCTS/EXINT188
The USER1/IRQ12 pin may be configured for input
operation, output operation, or ISA IRQ12 operation ac-
cording to the following table:
USER1/
USER1/
PCMCIA
USER1EN
IRQ Select
IRQ Type
IRQ12
IRQ12
Pin
TCR14[1]
PnPx70
PnPx71
Pin Direction
Pin Data
0
X
Ch
2h
O
IRQ12
0
X
Ch
1h
OD
IRQ12
00
≠Ch
X
I
NA
01
≠Ch
X
O
TIR29[1]
10
X
X
I
NA
1
1
X
X
O
TIR29[1]
Note that a read of the USERDT[1] bit (TIR29[1]) will al-
ways give the current USER1/IRQ12 pin value, regard-
less of pin configuration setting.
In addition to the functionality listed above, the
USER1/IRQ12/EXTCTS/EXINT188 pin may be used to
enable the internal TX state machine. This capability is
controlled by the CTSEN bit of TCR7 and operates inde-
pendently of the table above and independently of the
U1INTCNT bits of TCR7. When the CTSEN bit of TCR7
is set to 1, then the value of the USER1/IRQ12/
EXTCTS/EXINT188 pin will be ANDed with the value of
the TXS bit of TIR8. The output of the AND gate will
then be used to determine the start of the TX state
machine. In this way, an external signal, through the
USER1/IRQ12/EXTCTS/EXINT188 input, can be used
to control the start of the TX state machine, provided that
Am79C930 device firmware has enabled the operation
by setting the TXS bit of TIR8.
In addition to the functionality listed above, the
USER1/IRQ12/EXTCTS/EXINT188 pin may be used to
produce interrupts to the 80188 embedded controller.
This capability is controlled by the U1INTCNT bits of
TCR7 and operates independently of the bits in the
table above and independently of the CTSEN bit of
TCR7.Interrupts
that
are
routed
through
the
USER1/IRQ12/EXTCTS/EXINT188 pin are indicated in
the U1INT bit of TCR11. The following table lists the pro-
gramming options for using the USER1/IRQ12/
EXTCTS/EXINT188 pin as a source of external interrupt
to the 80188 controller.
U1INTCNT
USER1 Pin
U1INT Bit
TCR7[4:3]
Event
Result (TCR11[3])
00
X
0 => interrupt disabled
reset default condition
01
rising edge
1 => interrupt signalled
10
falling edge
1 => interrupt signalled
11
rising or falling edge
1 => interrupt signalled
Pin 92: USER7/IRQ11
The USER7/IRQ11 pin may be configured for input op-
eration, output operation, or ISA IRQ11 operation ac-
cording to the following table:
Note that a read of the USER7DL bit (TIR29[7]) will al-
ways give the current USER7/IRQ11 pin value, regard-
less of pin configuration setting.
USER7DL (TIR29[7]) gives the current value of the
USER7/IRQ11 pin.
USER7/
USER7/
PCMCIA
USER7FN
USER7EN
IRQ Select
IRQ Type
IRQ11
IRQ11
Pin
TC30[7]
TCR14[7]
PnPx70
PnPx71
Pin Direction
Pin Data
0
0
X
Bh
2h
O
IRQ11
0
0
X
Bh
1h
OD
IRQ11
00
X
≠Bh
X
I
NA
01
X
X
X
I
NA
10
0
X
X
I
NA
1
0
1
X
X
O
TIR29[7]
11
X
X
X
I
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com