Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VC/W Datasheet(PDF) 80 Page - Advanced Micro Devices

Part # AM79C930VC/W
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VC/W Datasheet(HTML) 80 Page - Advanced Micro Devices

Back Button AM79C930VC/W Datasheet HTML 76Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 77Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 78Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 79Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 80Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 81Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 82Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 83Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 84Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 161 page
background image
AMD
P R E L I M I N A R Y
80
Am79C930
SIR5: I/O Data Port B (IODPB)
This register is a system interface I/O address alias of
I/O Data Port A.
Bit
Name
Reset Value
Description
7:0
IODPB[7:0]
–
Aliased to I/O Data Port A.
SIR6: I/O Data Port C (IODPC)
This register is a system interface I/O address alias of
I/O Data Port A.
Bit
Name
Reset Value
Description
7:0
IODPC[7:0]
–
Aliased to I/O Data Port A.
SIR7: I/O Data Port D (IODPD)
This register is a system interface I/O address alias of
I/O Data Port A.
Bit
Name
Reset Value
Description
7:0
IODPD[7:0]
–
Aliased to I/O Data Port A.
MAC Interface Registers (MIR Space)
The MAC Interface Unit Register (MIR) space contains
16 registers which are used by the firmware to allow
communication between the firmware (MAC layer) and
the device driver. This register set also contains the
power down registers. These registers are only accessi-
ble through the 80188 core; they are inaccessible from
the system interface.
MIR0: Processor Interface Register (PIR)
This register is used to communicate to and from the
driver at the system interface.
Bit
Name
Reset Value
Description
7
SIDA
0
System Interface Direct Access. When SIDA is set to 1, then the
system interface side of the BIU is in direct memory access mode,
such that system interface access cycles will have direct access to
the Am79C930 memory interface. This mode should only be in-
voked if the 80188 will be placed into HALT mode by an appropriate
instruction within the 80188 firmware during the time that SIDA is
set to 1. When SIDA is reset to 0, then system interface accesses to
the Am79C930 memory interface will be translated by the internal
BIU arbitration state machine.
6
ECMRMS
0
Embedded Controller Memory Resource Mapping Scheme. When
ECMRMS is set to 1, the top 96K of Flash memory is mapped to
80188 memory locations 8000h to 1FFFFh. All of Flash memory is
still available at the “normal” locations E0000h to FFFFFh. When
ECMRMS is reset to 0, Flash memory is mapped only to locations
E0000h to FFFFFh.
5
SPDREQ
0
System Power Down Request. SPDREQ will indicate a 1 when the
device driver writes a 1 to the PCMCIA Power Down Request bit in
the PCMCIA Card Configuration and Status Register or when the
device driver writes a 1 to the SIR3 ISAPWRDWN bit. When
SPDREQ is a 1, an interrupt to the 80188 will be generated.
SPDREQ will become cleared when the 80188 core writes a 1
to SPDREQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com