Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VC/W Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # AM79C930VC/W
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VC/W Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button AM79C930VC/W Datasheet HTML 30Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 31Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 32Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 33Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 34Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 35Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 36Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 37Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 161 page
background image
AMD
P R E L I M I N A R Y
34
Am79C930
for an output function. This means that there are con-
figurations for which a read of the pin data register bit will
not reflect what has most recently been written to the pin
data register bit ( i.e., if a pin is configured as an output
with its data source as some internal circuit, then the
user may write the pin data bit with a given value, and a
read of this same bit will yield the output function value,
which may not necessarily match the value just written
to the data bit). This functionality is given as a note
following each table. Also note that for a few pins,
the read and write locations for the pin data are in
different places.
Pin 1: USER2/LA19
The USER2/LA19 pin may be configured for input op-
eration, output operation, or ISA LA19 operation accord-
ing to the following table:
USER2/
USER2/
PCMCIA USER2EN
LA19
LA19
Pin
TCR14[2] Pin Direction
Pin Data
0X
I
NA
(LA19 input function)
10
I
NA
1
1
O
TIR29[2]
Note that a read of the USERDT[2] bit (TIR29[2]) will al-
ways give the current USER2/LA19 pin value, regard-
less of pin configuration setting.
Pin 2: USER3/SA16
The USER3/SA16 pin may be configured for input op-
eration, output operation, or ISA SA16 operation ac-
cording to the following table:
USER3/
USER3/
PCMCIA USER3EN
SA16
SA16
Pin
TCR14[3] Pin Direction
Pin Data
0X
I
NA
(SA16 input function)
10
I
NA
1
1
O
TIR29[3]
Note that a read of the USERDT[3] bit (TIR29[3]) will al-
ways give the current USER3/SA16 pin value, regard-
less of pin configuration setting.
Pin 3: USER4/LA17
The USER4/LA17 pin may be configured for input op-
eration, output operation, or ISA LA17 operation accord-
ing to the following table:
USER4/
USER4/
PCMCIA USER4EN
LA17
LA17
Pin
TCR14[4] Pin Direction
Pin Data
0X
I
NA
(LA17 input function)
10
I
NA
1
1
O
TIR29[4]
Note that a read of the USERDT[4] bit (TIR29[4]) will al-
ways give the current USER4/LA17 pin value, regard-
less of pin configuration setting.
Pin 45:
STSCHG/BALE
The
STSCHG/BALE pin may be configured for input op-
eration, output operation, or ISA BALE operation ac-
cording to the following table:
STSCHG/
STSCHG/
PCMCIA STSCHGFN
BALE
BALE
Pin
TCR15[0]
Pin Direction
Pin Data
0X
I
NA
(BALE input
function)
1
0
O
MIR9[0]
1
1
O
MIR9[0]
OR CCSR[4]
MIR9[0] is the
STSCHGD bit. In PCMCIA mode,
STSCHGD basically acts like a UNMASKING function
for the
STSCHG pin. STSCHGD can be used to prevent
the WAKEUP signal from the PCMCIA Card Configura-
tion and Status Register from being signaled on the
STSCHG pin. Note that if STSCHGFN is set to 1 and
STSCHGD is set to a 0, then the
STSCHG pin will al-
ways be deasserted (i.e., it will be MASKED). With
STSCHGFN=1, writing a 1 to the STSCHGD bit will
UNMASK the WAKEUP status and allow it to be applied
to the
STSCHG pin.
Note that the STSCHGD bit is automatically RESET to 0
whenever the WAKEUP bit of the PCMCIA Card Con-
figuration and Status Register is RESET to 0. Therefore,
the UNMASK bit (STSCHGD) needs to be set to
UNMASK (=1) for each new use of the WAKEUP signal.
When STSCHGFN is set to 0, then the STSCHGD bit
will become an inverted source for the
STSCHG
pin value.
Note that a read of the STSCHGD bit (MIR9[0]) will al-
ways give the inverse of the current
STSCHG/BALE pin
value, regardless of pin configuration setting.
Pin 90: USER0/
RFRSH
The USER0/
RFRSH pin may be configured for input op-
eration, output operation, or ISA
RFRSH operation ac-
cording to the following table:
USER0/
USER0/
PCMCIA
USER0EN
RFRSH
RFRSH
Pin
TCR14[0]
Pin Direction
Pin Data
0X
I
NA
(
RFRSH input
function)
10
I
NA
1
1
O
TIR29[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com