Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VC/W Datasheet(PDF) 67 Page - Advanced Micro Devices

Part # AM79C930VC/W
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VC/W Datasheet(HTML) 67 Page - Advanced Micro Devices

Back Button AM79C930VC/W Datasheet HTML 63Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 64Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 65Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 66Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 67Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 68Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 69Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 70Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 71Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 161 page
background image
P R E L I M I N A R Y
AMD
67
Am79C930
Am79C930 Device ISA Plug And Play Mode I/O MAP
Physical
ISA
SIR1
Resource
Location of
Resource Name
Mnemonic
I/O address
Bits [2:0]
Size
Resource
SIR0: General
SIR0: GCR
IOBA*+0000h
XXX**
1 byte
BIU
Configuration Register
SIR1: Bank Switching
SIR1: BSS
IOBA+0001h
XXX
1 byte
BIU
Select Register
SIR2: Local Memory
SIR2: LMAL
IOBA+0002h
XXX
1 byte
BIU
Address [7:0]
SIR3: Local Memory
SIR3: LMAU
IOBA+0003h
XXX
1 byte
BIU
Address [14:8]
SIR4: I/O Data Port [7:0]
SIR4: DPLL
IOBA+0004h
XXX
1 byte
Indirect access
to SRAM or
Flash memory
SIR5: I/O Data Port [15:8]
SIR5: DPLM
IOBA+0005h
XXX
1 byte
Indirect access
to SRAM or
Flash memory
SIR6: I/O Data Port
SIR6: DPUM
IOBA+0006h
XXX
1 byte
indirect access
[23:16]
to SRAM or
Flash memory
SIR7: I/O Data Port [31:24]
SIR7: DPUU
IOBA+0007h
XXX
1 byte
Indirect access
to SRAM or
Flash memory
TIR 0–7
–
IOBA+0008h –
000
1 byte
TAI
IOBA+000Fh
each location
TIR 8–15
–
IOBA+0008h –
001
1 byte
TAI
IOBA+000Fh
each location
TIR 16–23
–
IOBA+0008h –
010
1 byte
TAI
IOBA+000Fh
each location
TIR 24–31
–
IOBA+0008h –
011
1 byte
TAI
IOBA+000Fh
each location
Device does not respond
–
IOBA+0010h –
0XX
NA
na
to these accesses
IOBA+0027h
Impossible programming of
na
na
1XX
NA
na
SIR1 bits (SIR1[2] = 0
always in ISA Plug
and Play mode)
Plug and Play ADDRESS
PPA
0279h (fixed)
XXX
1 byte
BIU
Auto-Configuration Port
(write only)
Plug and Play WRITE_DATA
PPWD
0A79h (fixed)
XXX
1 byte
BIU
Auto-Configuration Port
(write only)
Plug and Play READ_DATA
PPRD
0203h – 03FFh
XXX
1 byte
Indirect access
Auto-Configuration Port
(relocatable)
to ISA Plug and
(READ ONLY)
Play register set
*IOBA = ISA Plug and Play I/O Base Address
**X = Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com