Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VC/W Datasheet(PDF) 88 Page - Advanced Micro Devices

Part # AM79C930VC/W
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VC/W Datasheet(HTML) 88 Page - Advanced Micro Devices

Back Button AM79C930VC/W Datasheet HTML 84Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 85Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 86Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 87Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 88Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 89Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 90Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 91Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 92Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 161 page
background image
AMD
P R E L I M I N A R Y
88
Am79C930
TIR mapping with SIR1 bit 2 (EIOW) set to “1” = Ex-
panded TIR window mode. Note that the setting
EIOW = 1 is only allowed while operating in PCMCIA
mode. TIR uses 32 I/O addresses:
TIR
SIR1[1:0]
80188 Core
Register
(TAI Bank
PCMCIA
Address in
Number
TIR Register Name
Select)
I/O Address
Memory
0
Network Control
XX*
0008h
mem 400h
1
Network Status
XX
0009h
mem 401h
2
Serial Device
XX
000Ah
mem 402h
3
Fast Serial Port Control
XX
000Bh
mem 403h
4
Interrupt Register 1
XX
000Ch
mem 404h
5
Interrupt Register 2
XX
000Dh
mem 405h
6
Interrupt Mask 1
XX
000Eh
mem 406h
7
Interrupt Mask 2
XX
000Fh
mem 407h
8
Transmit Control
XX
0010h
mem 408h
9
Transmit Status
XX
0011h
mem 409h
10
TX FIFO Data
XX
0012h
mem 40Ah
11
Transmit Sequence Control
XX
0013h
mem 40Bh
12
Byte Counter LSB
XX
0014h
mem 40Ch
13
Byte Counter MSB
XX
0015h
mem 40Dh
14
Byte Counter Limit LSB
XX
0016h
mem 40Eh
15
Byte Counter Limit MSB
XX
0017h
mem 40Fh
16
Receiver Control
XX
0018h
mem 410h
17
Receiver Status
XX
0019h
mem 411h
18
RX FIFO Data
XX
001Ah
mem 412h
19
Antenna Slot
XX
001Bh
mem 413h
20
CRC32 Correct Count LSB
XX
001Ch
mem 414h
21
CRC32 Correct Count MSB
XX
001Dh
mem 415h
22
CRC8 Correct Count LSB
XX
001Eh
mem 416h
23
CRC8 Correct Count MSB
XX
001Fh
mem 417h
24
Configuration Index
XX
0020h
mem 418h
25
Configuration Data Port
XX
0021h
mem 419h
26
Antenna Diversity & A/D
XX
0022h
mem 41Ah
27
SAR
XX
0023h
mem 41Bh
28
RSSI Lower Limit
XX
0024h
mem 41Ch
29
USER Pin Data
XX
0025h
mem 41Dh
30
Dummy Register
XX
0026h
mem 41Eh
31
TEST Register
XX
0027h
mem 41Fh
*XX = Don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com