Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VC/W Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # AM79C930VC/W
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VC/W Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button AM79C930VC/W Datasheet HTML 23Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 24Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 25Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 26Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 27Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 28Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 29Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 30Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 161 page
background image
P R E L I M I N A R Y
AMD
27
Am79C930
Function Mode
REG
CE1
IORD
IOWR
A0
OE
WE
D7–0
Standby mode
X
H
X
X
X
X
X
High-Z
Common Memory Read Even Byte
H
L
H
H
L
L
H
Even Byte
Common Memory Read Odd Byte
H
L
H
H
H
L
H
Odd Byte
Common Memory Write Even Byte
H
L
H
H
L
H
L
Even Byte
Common Memory Write Odd Byte
H
L
H
H
H
H
L
Odd Byte
Attribute Memory Read Even Byte
L
L
H
H
L
L
H
Even Byte
Attribute Memory Read Odd Byte
L
L
H
H
H
L
H
Odd Byte
Attribute Memory Write Even Byte
L
L
H
H
L
H
L
Even Byte
Attribute Memory Write Odd Byte
L
L
H
H
H
H
L
Odd Byte
I/O Read Even Byte
L
L
L
H
L
H
H
Even Byte
I/O Read Odd Byte
L
L
L
H
H
H
H
Odd Byte
I/O Write Even Byte
L
L
H
L
L
H
H
Even Byte
I/O Write Odd Byte
L
L
H
L
H
H
H
Odd Byte
REG
Attribute Memory Select
Input
REG is an active low-input signal that selects among At-
tribute memory and Common memory in the Am79C930
device and the Am79C930-based PCMCIA card. When
REG is asserted, then the current access is to Attribute
memory or I/O. When
REG is not asserted, then the cur-
rent access is to Common memory.
RESET
Reset
Input
RESET is an active high-input signal that clears the
Card Configuration Option Register CCOR) and places
the Am79C930 device into an unconfigured (PCMCIA-
Memory-Only Interface) state. This pin also causes a
RESET to be asserted to each of the Am79C930 core
function units (i.e., PCMCIA interface, CPU, and Trans-
ceiver Attachment Interface).
STSCHG
Status Change
Output
The
STSCHG signal is an active low signal. STSCHG as
implemented in the Am79C930 device is only used for
the PCMCIA WAKEUP indication. The CHANGED bit
and the SIGCHG bit of the Card Configuration and
Status Register (CCSR) are not supported by the
Am79C930 device. The Pin Replacement Register is
not supported by the Am79C930 device.
WAIT
Extend Bus Cycle
Output
The
WAIT signal is an active low signal. WAIT is as-
serted by the Am79C930 device to delay completion of
the access cycle currently in progress.
WE
Write Enable
Input
WE is an active low write-enable input signal. WE is
used to strobe memory write data into the Am79C930
device from the PCMCIA data bus.
WE should be deas-
serted during memory read cycles to the Am79C930.
WE is used for Common memory accesses and Attrib-
ute memory accesses.
ISA (IEEE P996) Bus interface
LA23–17, SA16–0
Address Bus
Input
Signals SA0 through SA16 and LA17 through LA23
are address-bus-input lines which enable direct address
of up to 16 Mbytes of memory space in an ISA-based
Am79C930 design. Signal SA0 is always used, because
the data interface to the Am79C930 is only 8-bits wide.
SD7–0
Data Bus
Input/Output
Signals SD7 through SD0 are the bidirectional data bus
for ISA. The most significant bit is SD7.
AEN
Address Enable
Input
AEN is driven LOW by the ISA host to indicate when an
I/O address is valid.
BALE
Bus Address Latch Enable
Input
BALE is driven by the ISA host to indicate when the ad-
dress signal lines are valid.
IOCHRDY
I/O Channel Ready
Output
The IOCHRDY signal is deasserted by the Am79C930
device at the beginning of a memory access in order
to delay completion of the memory access cycle then
in progress. The IOCHRDY signal is reasserted by
the Am79C930 device when the memory access
is completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com