Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VC/W Datasheet(PDF) 99 Page - Advanced Micro Devices

Part # AM79C930VC/W
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VC/W Datasheet(HTML) 99 Page - Advanced Micro Devices

Back Button AM79C930VC/W Datasheet HTML 95Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 96Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 97Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 98Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 99Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 100Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 101Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 102Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 103Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 161 page
background image
P R E L I M I N A R Y
AMD
99
Am79C930
5
RXFOR
0
Receive FIFO Overrun. This bit is set whenever the RX FIFO expe-
riences an overrun. This bit is cleared by resetting the RX FIFO.
4–1
RXFC[3:0]
0
Receive FIFO Count. These bits indicate the current count of the
number of bytes contained in the RX FIFO. The RX FIFO holds 15
bytes. An RXFC value of “0h” indicates an empty RX FIFO. An
RXFC value of “Fh” indicates a full RX FIFO.
0
RXBSY
0
RX Busy. This bit is set to 1 by the Am79C930 device when the RXS
bit of TIR16 is set to a one, and remains set until the RXRES bit of
TIR16 is set to a one, or until any other global reset is activated
(e.g., RESET pin of Am79C930 asserted or the CORESET bit of
SIR0 is set).
TIR18: RX FIFO Data Register
This register is the RX FIFO Data register. This register
allows direct access to the RX FIFO in the TAI. When
read, the RX FIFO read pointer is automatically
incremented. When written, the RX FIFO write pointer is
automatically incremented.
Bit
Name
Reset Value
Description
7:0
RXF[7:0]
–
Receive FIFO data port. When read, data is removed from the sys-
tem side of the receive FIFO. When written, data is placed into the
network side of the receive FIFO. Writes to this register should be
for diagnostic purposes only and will not be necessary during nor-
mal operation. RX FIFO write and read pointers are automatically
incremented when writes and reads occur, respectively.
TIR19: Reserved
This register is reserved.
Bit
Name
Reset Value
Description
7–0
Reserved
–
Reserved. Must be written as a 0. Reads of these bits produce
undefined data.
TIR20: CRC32 Correct Byte Count LSB
This register is the CRC32 Correct Byte Count
LSB register.
Bit
Name
Reset Value
Description
7–0
C32C[7:0]
–
CRC32 Correct Count. The value in this register indicates the lower
8 bits of the 12-bit byte position when the CRC32 value was last cor-
rect. CRC32 value 001h corresponds to the first byte of the received
message following the Start of Frame Delimiter. If the value in this
register (and TIR21) does not match the length value indicated in
the frame header (plus overhead for PHY and MAC headers and
CRC) for frames that employ 32-bit CRC values, then the frame
should be rejected by the MAC firmware. Note that all bytes begin-
ning with the first byte following the Start of Frame Delimiter and in-
cluding the CRC bytes are included in the CRC32 Correct Count
value, but the bytes that are included in the CRC32 calculation are
dependent upon the setting of the PFL bits of TCR3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com