Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VC/W Datasheet(PDF) 65 Page - Advanced Micro Devices

Part # AM79C930VC/W
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VC/W Datasheet(HTML) 65 Page - Advanced Micro Devices

Back Button AM79C930VC/W Datasheet HTML 61Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 62Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 63Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 64Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 65Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 66Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 67Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 68Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 69Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 161 page
background image
P R E L I M I N A R Y
AMD
65
Am79C930
address needs to be aligned to a 32K boundary in mem-
ory space. This alignment requirement should be in-
cluded in the Resource Data that is programmed into the
Flash device and read by the Plug and Play configura-
tion utility. These conditions
must be satisfied, since the
Am79C930 device’s Bus Interface Unit will only use the
upper 9 bits of the ISA memory address to determine
when an address match has been achieved.
Some of the Am79C930 device’s ISA Memory locations
have predefined uses and, therefore, are not freely
available to the device driver. The following table indi-
cates restricted space within ISA Memory map of the
Am79C930 device:
Am79C930 Device ISA Plug And Play Mode Memory Restricted Space
ISA Address
Size of
Physical Memory And
in Memory
SIR1[5:3]
Restricted Space
Description Of Reserved Use
MBA+0000h –
000
1 Kbytes
SRAM Memory 0 0000h–0 03FFh
MBA+03FFh
This space is reserved for the interrupt vector
table of the embedded 80188 core.
MBA+0400h –
000
32 bytes
SRAM Memory 0 0400h–0 041Fh
MBA+041Fh
This SRAM space is inaccessible to the
80188 embedded core, since the 80188
core maps the 32 TIR registers of the TAI
into this portion of 80188 memory space.
MBA+0420h –
000
32 bytes
SRAM Memory 0 0420h–0 042Fh
MBA+043Fh
This SRAM space is inaccessible to the
80188 embedded core, since the 80188
core maps the MIR registers of the BIU
(PIR, PDLC and PUCT) and
XCE space into
this portion of 80188 memory space.
MBA+0440h –
000
64 bytes
SRAM Memory 0 0440h–0 047Fh
MBA+047Fh
This SRAM space is reserved for future use
and may be decoded for non-SRAM purposes
in the future.
MBA+7C00h –
111
1K–16 bytes
Flash Memory 1 FC00h–1 FFEFh
MBA+7FEFh
These bytes of the Flash memory also map into
the ISA Plug and Play Resource Data space.
Therefore, this space can not be used for
non-Resource Data purposes.
MBA+7FF0h –
111
16 bytes
Flash Memory 1 FFF0h–1 FFFFh
MBA+7FFFh
These 16 bytes of Flash memory space are
reserved because they are the location of
the embedded 80188 core’s instruction
pointer following a Am79C930 device reset
operation. These 16 bytes must contain the
first 80188 instructions.
*MBA = ISA Plug and Play Memory Base Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com