Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VC/W Datasheet(PDF) 130 Page - Advanced Micro Devices

Part # AM79C930VC/W
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VC/W Datasheet(HTML) 130 Page - Advanced Micro Devices

Back Button AM79C930VC/W Datasheet HTML 126Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 127Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 128Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 129Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 130Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 131Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 132Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 133Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 134Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 161 page
background image
AMD
P R E L I M I N A R Y
130
Am79C930
ABSOLUTE MAXIMUM RATINGS
Storage Temperature:
–65 to +150
°C
. . . . . . . . . . . .
Ambient Temperature Under Bias:
–65 to +125
°C
. . .
Supply Voltage to AVSS
or DVSS (AVDD, DVDD):
–0.3 to +6 V
. . . . . . . . . . . . . .
Stresses above those listed under Absolute Maximum
Ratings may cause permanent device failure. Functionality at
or above these limits is not implied. Exposure to Absolute
Maximum
Ratings
for
extended
periods
may
affect
device reliability.
OPERATING RANGES
Commercial (C) Devices
Temperature (TA)0
°C to + 70°C
. . . . . . . . . . . . . . . . .
Supply Voltages (VCC, VDDT, VDDU1, VDDU2, VDDM, VDDP)
+5 V
± 5% or 3.0 V to 3.6 V
. . . . . . . . . . . . . . . . . . . .
Supply Voltages
(AVDD, VDD5)
+5 V
± 5%
. . . . . . . . . . . . . . . . . . . . . . . .
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.
IEEE 1149.1 DC CHARACTERISTICS (5.0 and 3.3 V)
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Units
VIL
TCK, TMS, TDI, TRST
0.8
V
VIH
TCK, TMS, TDI, TRST
2.0
V
VOL
TDO
IOL = 2.0 mA
0.4
V
VOH
TDO
IOH = –0.4 mA
2.4
V
IIL
TCK, TRST
VDD = 5.5 V, VI = 0.5 V
–400
µA
IIH
TCK, TRST
VDD = 5.5 V, VI = 2.7 V
–200
µA
IIL
TMS, TDI
VDD = 5.5 V, VI = 0.5 V
–400
µA
IIH
TMS, TDI
VDD = 5.5 V, VI = 2.7 V
–200
µA
IOZL
TDO
VOUT = 0.4 V
–10
µA
IOZH
TDO
VOUT = VDD
+10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com