Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VC/W Datasheet(PDF) 136 Page - Advanced Micro Devices

Part # AM79C930VC/W
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VC/W Datasheet(HTML) 136 Page - Advanced Micro Devices

Back Button AM79C930VC/W Datasheet HTML 132Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 133Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 134Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 135Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 136Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 137Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 138Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 139Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 140Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 161 page
background image
AMD
P R E L I M I N A R Y
136
Am79C930
ISA ACCESS
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
ti1
LA[23:17] valid setup to BALE
↓
60
ns
ti2
BALE
↑ to BALE ↓ pulse width
25
ns
ti3
LA[23:17] valid hold from BALE
↓
12
ns
ti4
LA[23:17] valid setup to
CMD
↓
Note 1
80
ns
ti7
SA[16:0] valid setup to
CMD
↓
Note 1
25
ns
ti8
CMD
↓ to CMD ↑ pulse width
Note 4
6*TCLKIN
ns
ti9
SA[16:0] valid setup to BALE
↓
20
ns
ti10
Data valid delay from
RCMD
↓
Notes 2, 5, 6
53 X TCLKIN
ns
ti11
Data valid setup to
WCMD
↓
Note 3
–75
ns
ti12
SA[16:0] valid hold from
CMD
↑
Note 1
20
ns
ti13
CMD
↑ to CMD ↓ pulse width
Note 1
55
ns
ti14
Data valid hold from
RCMD
↑
Note 2
0
ns
ti15
Data valid hold from
WCMD
↑
Note 3
20
ns
ti16
Data disabled from
RCMD
↑
Note 2, 6
20
ns
ti20
IOCHRDY
↓ delay from CMD ↓
Notes 1, 7
60
ns
ti21
IOCHRDY
↓ to IOCHRDY ↑
Notes 5, 6, 7
0
130 +
ns
pulse width
53 X TCLKIN
ti22
CMD
↑ delay from IOCHRDY ↑
Notes 1, 7
35
ns
ti23
BALE
↑ delay from CMD ↑
Note 1
20
ns
ti25
Data valid delay from IOCHRDY
↑
Note 7
–TCLKIN
25
ns
ti26
LA[23:17] valid hold from
CMD
↓
Note 1
–15
ns
ti30
AEN valid setup to
CMD
↓
Note 1
80
ns
ti31
AEN valid hold from
CMD
↑
Note 1
15
ns
ti32
AEN valid setup to BALE
↓
60
ns
ti34
Data enabled from
RCMD
↓
Notes 2, 4
0
110
ns
Notes:
1.
CMD = one of: MEMR, MEMW, IOR or IOW.
2.
RCMD = one of: MEMR, or IOR.
3.
WCMD = one of: MEMW, or IOW.
4. If no wait states are incurred.
5. The max value for this parameter assumes the following worst case situation:
Value
Worst Case
0
FLASH and SRAM wait states set at “3.”
1
Host performs ISA WRITE cycle at same time that Am79C930 embedded 80188 controller begins
instruction fetch cycle to FLASH memory.
2
ISA WRITE cycle is posted internal to Am79C930 device, pending the completion of the embedded 80188
controller access.
3
Host performs ISA READ cycle immediately following completion of ISA WRITE cycle.
4
After completion of first embedded 80188 access to FLASH, posted ISA WRITE executes to SRAM;
ISA READ stycle is being held in wait state.
5
After completion of posted ISA WRITE cycle, new embedded 80188 access to FLASH begins.
6
After completion of second embedded 80188 access to FLASH, ISA READ cycle is allowed to proceed
onto memory bus to SRAM; host is still held in wait state.
7
At SRAM READ cycle completion, data is delivered to ISA bus and wait state is exited.
6. Parameter is not included in production test.
7. Parameter only applies when IOCHRDY is deasserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com