Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VC/W Datasheet(PDF) 145 Page - Advanced Micro Devices

Part # AM79C930VC/W
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VC/W Datasheet(HTML) 145 Page - Advanced Micro Devices

Back Button AM79C930VC/W Datasheet HTML 141Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 142Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 143Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 144Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 145Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 146Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 147Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 148Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 149Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 161 page
background image
P R E L I M I N A R Y
AMD
145
Am79C930
3.3 V TAI INTERFACE AC CHARACTERISTICS
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
tCLKIN
CLKIN Period
50
ns
tCLIN
CLKIN Low time
22
ns
tCHIN
CLKIN High time
22
ns
tINHL
CLKIN Fall time
Note 8
3
ns
tINLH
CLKIN Rise time
Note 8
3
ns
tRXC
RXC Period
Note 5
1000
ns
tCLRX
RXC Low time
Note 5
480
ns
tCHRX
RXC High time
Note 5
480
ns
tRXHL
RXC Fall time
Note 8
20
ns
tRXLH
RXC Rise time
Note 8
20
ns
tTXC
TXC Period
Notes 1, 5, 7
1000
ns
tCLTX
TXC Low time
Notes 1, 5, 7
495
ns
tCHTX
TXC High time
Notes 1, 5, 7
495
ns
tTXHL
TXC Fall time
Notes 1, 8
5
ns
tTXLH
TXC Rise time
Notes 1, 8
5
ns
tTXCO
TXC Period
Notes 2, 7
1000
ns
tCLTXO
TXC Low time
Notes 2, 7
585
ns
tCHTXO
TXC High time
Notes 2, 7
385
ns
tTXHLO
TXC Fall time
Notes 2, 8
15
ns
tTXLHO
TXC Rise time
Notes 2, 8
15
ns
tRXDS
RXD setup time to RXC
↑
Note 6
110
ns
tRXDH
RXD hold time from RXC
↑
Note 6
10
ns
tTXDD
TXD delay from TXC
↓
Notes 1, 3
10
200
ns
tTXDS
TXD setup time to TXC
↑
Notes 2, 4
TCLTX-165
ns
tTXDH
TXD hold time from TXC
↑
Notes 2, 4
TCHTX
ns
tTXDV
TXD delay from TXC
↓
Notes 2, 3
0
150
ns
Notes:
1. Only applicable when TXC has been configured as an INPUT.
2. Only applicable when TXC has been configured as an OUTPUT.
3. MIN value not tested.
4. Parameter calculated from other parameters.
5. Clock period must correlate to data rate as specified in DR bits of TCR30. Note that data rate is a function of DR and TCLKIN and
CLKGT20 bit of MIR9.
6. The values for these parameters are given for the case with CLKP = 0 (TCR2[4:0]). For nonzero values of CLKP, use the
following formulas:
If CLKGT20 = 0 (MIR9[7]),
tRXDSmin = 110–CLKP X TCLKIN
tRXDHmin = 10+CLKP X TCLKIN
If CLKGT20 = 1 (MIR9[7]),
tRXDSmin = 110–CLKP X TCLKIN X 2
tRXDHmin = 10+CLKP X TCLKIN X 2
7. Values given are for data rate of 1Mb/s. For other data rates,
tTXC is 1/DR, where DR = data rate in Hertz,
tCLTX is 60% of TTXC minus TTXHL,
tCHTX is 40% of TTXC minus TTXHL,
tTXCO is 1/DR, where DR = data rate in Hertz,
tCLTXO is 60% of TTXCO minus TTXHLO,
tCHTXO is 40% of TTXCO minus TTXHLO,
tTXHLO is 15 ns, regardless of DR value,
tTXLHO is 15 ns, regardless of DR value.
8. Parameter not included in the production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com