Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30B85 Datasheet(PDF) 72 Page - Intel Corporation

Part # JS28F640P30B85
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640P30B85 Datasheet(HTML) 72 Page - Intel Corporation

Back Button JS28F640P30B85 Datasheet HTML 68Page - Intel Corporation JS28F640P30B85 Datasheet HTML 69Page - Intel Corporation JS28F640P30B85 Datasheet HTML 70Page - Intel Corporation JS28F640P30B85 Datasheet HTML 71Page - Intel Corporation JS28F640P30B85 Datasheet HTML 72Page - Intel Corporation JS28F640P30B85 Datasheet HTML 73Page - Intel Corporation JS28F640P30B85 Datasheet HTML 74Page - Intel Corporation JS28F640P30B85 Datasheet HTML 75Page - Intel Corporation JS28F640P30B85 Datasheet HTML 76Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 102 page
background image
1-Gbit P30 Family
April 2005
Intel StrataFlash® Embedded Memory (P30)
Datasheet
72
Order Number: 306666, Revision: 001
13.3
Protection Registers
The device contains 17 Protection Registers (PRs) that can be used to implement system security
measures and/or device identification. Each Protection Register can be individually locked.
The first 128-bit Protection Register is comprised of two 64-bit (8-word) segments. The lower 64-
bit segment is pre-programmed at the Intel factory with a unique 64-bit number. The other 64-bit
segment, as well as the other sixteen 128-bit Protection Registers, are blank. Users can program
these registers as needed. When programmed, users can then lock the Protection Register(s) to
prevent additional bit programming (see Figure 33, “Protection Register Map” on page 73).
The user-programmable Protection Registers contain one-time programmable (OTP) bits; when
programmed, register bits cannot be erased. Each Protection Register can be accessed multiple
times to program individual bits, as long as the register remains unlocked.
Each Protection Register has an associated Lock Register bit. When a Lock Register bit is
programmed, the associated Protection Register can only be read; it can no longer be programmed.
Additionally, because the Lock Register bits themselves are OTP, when programmed, Lock
Register bits cannot be erased. Therefore, when a Protection Register is locked, it cannot be
unlocked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com