Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30B85 Datasheet(PDF) 54 Page - Intel Corporation

Part # JS28F640P30B85
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640P30B85 Datasheet(HTML) 54 Page - Intel Corporation

Back Button JS28F640P30B85 Datasheet HTML 50Page - Intel Corporation JS28F640P30B85 Datasheet HTML 51Page - Intel Corporation JS28F640P30B85 Datasheet HTML 52Page - Intel Corporation JS28F640P30B85 Datasheet HTML 53Page - Intel Corporation JS28F640P30B85 Datasheet HTML 54Page - Intel Corporation JS28F640P30B85 Datasheet HTML 55Page - Intel Corporation JS28F640P30B85 Datasheet HTML 56Page - Intel Corporation JS28F640P30B85 Datasheet HTML 57Page - Intel Corporation JS28F640P30B85 Datasheet HTML 58Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 102 page
background image
1-Gbit P30 Family
April 2005
Intel StrataFlash® Embedded Memory (P30)
Datasheet
54
Order Number: 306666, Revision: 001
However, for a synchronous non-array read, the same word of data will be output on successive
clock edges until the burst length requirements are satisfied. Refer to the following waveforms for
more detailed information:
• Figure 19, “Synchronous Single-Word Array or Non-array Read Timing” on page 39
• Figure 20, “Continuous Burst Read, showing an Output Delay Timing” on page 40
• Figure 21, “Synchronous Burst-Mode Four-Word Read Timing” on page 41
10.3
Read Configuration Register
The Read Configuration Register (RCR) is used to select the read mode (synchronous or
asynchronous), and it defines the synchronous burst characteristics of the device. To modify RCR
settings, use the Configure Read Configuration Register command (see Section 9.2, “Device
Commands” on page 50).
RCR contents can be examined using the Read Device Identifier command, and then reading from
offset 0x05 (see Section 14.2, “Read Device Identifier” on page 76).
The RCR is shown in Table 22. The following sections describe each RCR bit.
Table 22.
Read Configuration Register Description (Sheet 1 of 2)
Read Configuration Register (RCR)
Read
Mode
RES
Latency Count
WAIT
Polarity
Data
Hold
WAIT
Delay
Burst
Seq
CLK
Edge
RES
RES
Burst
Wrap
Burst Length
RM
R
LC[2:0]
WP
DH
WD
BS
CE
R
R
BW
BL[2:0]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
Name
Description
15
Read Mode (RM)
0 = Synchronous burst-mode read
1 = Asynchronous page-mode read (default)
14
Reserved (R)
Reserved bits should be cleared (0)
13:11
Latency Count (LC[2:0])
010 =Code 2
011 =Code 3
100 =Code 4
101 =Code 5
110 =Code 6
111 =Code 7 (default)
(Other bit settings are reserved)
10
Wait Polarity (WP)
0 =WAIT signal is active low
1 =WAIT signal is active high (default)
9
Data Hold (DH)
0 =Data held for a 1-clock data cycle
1 =Data held for a 2-clock data cycle (default)
8
Wait Delay (WD)
0 =WAIT deasserted with valid data
1 =WAIT deasserted one data cycle before valid data (default)
7
Burst Sequence (BS)
0 =Reserved
1 =Linear (default)
6
Clock Edge (CE)
0 = Falling edge
1 = Rising edge (default)
5:4
Reserved (R)
Reserved bits should be cleared (0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com