Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30B85 Datasheet(PDF) 77 Page - Intel Corporation

Part # JS28F640P30B85
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640P30B85 Datasheet(HTML) 77 Page - Intel Corporation

Back Button JS28F640P30B85 Datasheet HTML 73Page - Intel Corporation JS28F640P30B85 Datasheet HTML 74Page - Intel Corporation JS28F640P30B85 Datasheet HTML 75Page - Intel Corporation JS28F640P30B85 Datasheet HTML 76Page - Intel Corporation JS28F640P30B85 Datasheet HTML 77Page - Intel Corporation JS28F640P30B85 Datasheet HTML 78Page - Intel Corporation JS28F640P30B85 Datasheet HTML 79Page - Intel Corporation JS28F640P30B85 Datasheet HTML 80Page - Intel Corporation JS28F640P30B85 Datasheet HTML 81Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 102 page
background image
1-Gbit P30 Family
Datasheet
Intel StrataFlash® Embedded Memory (P30)
April 2005
Order Number: 306666, Revision: 001
77
14.3
CFI Query
The CFI Query command instructs the device to output Common Flash Interface (CFI) data when
read. See Section 9.2, “Device Commands” on page 50 for details on issuing the CFI Query
command. Appendix C, “Common Flash Interface” on page 93 shows CFI information and address
offsets within the CFI database.
Table 29.
Device Identifier Information
Item
Address(1)
Data
Manufacturer Code
0x00
0089h
Device ID Code
0x01
ID (see Table 30)
Block Lock Configuration:
BBA + 0x02
Lock Bit:
• Block Is Unlocked
DQ0 = 0b0
• Block Is Locked
DQ0 = 0b1
• Block Is not Locked-Down
DQ1 = 0b0
• Block Is Locked-Down
DQ1 = 0b1
Configuration Register
0x05
Configuration Register Data
Lock Register 0
0x80
PR-LK0
64-bit Factory-Programmed Protection Register
0x81–0x84
Factory Protection Register Data
64-bit User-Programmable Protection Register
0x85–0x88
User Protection Register Data
Lock Register 1
0x89
Protection Register Data
128-bit User-Programmable Protection Registers
0x8A–0x109
PR-LK1
Notes:
1.
BBA = Block Base Address.
Table 30.
Device ID codes
ID Code Type
Device Density
Device Identifier Codes
–T
(Top Parameter)
–B
(Bottom Parameter)
Device Code
64-Mbit
8817
881A
128-Mbit
8818
881B
256-Mbit
8919
891C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com