Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30B85 Datasheet(PDF) 31 Page - Intel Corporation

Part # JS28F640P30B85
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640P30B85 Datasheet(HTML) 31 Page - Intel Corporation

Back Button JS28F640P30B85 Datasheet HTML 27Page - Intel Corporation JS28F640P30B85 Datasheet HTML 28Page - Intel Corporation JS28F640P30B85 Datasheet HTML 29Page - Intel Corporation JS28F640P30B85 Datasheet HTML 30Page - Intel Corporation JS28F640P30B85 Datasheet HTML 31Page - Intel Corporation JS28F640P30B85 Datasheet HTML 32Page - Intel Corporation JS28F640P30B85 Datasheet HTML 33Page - Intel Corporation JS28F640P30B85 Datasheet HTML 34Page - Intel Corporation JS28F640P30B85 Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 102 page
background image
1-Gbit P30 Family
Datasheet
Intel StrataFlash® Embedded Memory (P30)
April 2005
Order Number: 306666, Revision: 001
31
6.0
Electrical Specifications
6.1
DC Current Characteristics
Table 12. DC Current Characteristics (Sheet 1 of 2)
Sym
Parameter
CMOS
Inputs
(VCCQ =
1.7 V - 3.6 V)
TTL Inputs
(VCCQ =
2.4 V - 3.6 V)
Unit
Test Conditions
Notes
Typ
Max
Typ
Max
ILI
Input Load Current
-
±1
-
±2
µA
VCC = VCCMax
VCCQ = VCCQMax
VIN = VCCQ or VSS
1
ILO
Output
Leakage
Current
DQ[15:0], WAIT
-
±1
-
±10
µA
VCC = VCCMax
VCCQ = VCCQMax
VIN = VCCQ or VSS
ICCS,
ICCD
VCC Standby,
Power Down
64-Mbit
203520
35
µA
VCC = VCCMax
VCCQ = VCCQMax
CE# = VCCQ
RST# = VCCQ (for ICCS)
RST# = VSS (for ICCD)
WP# = VIH
1,2
128-Mbit
30
75
30
75
256-Mbit
55
115
55
200
512-Mbit
110
230
110
400
1-Gbit
220
460
220
800
ICCR
Average
VCC
Read
Current
Asynchronous Single-
Word f = 5 MHz (1 CLK)
14
16
14
16
mA
1-Word
Read
VCC = VCCMax
CE# = VIL
OE# = VIH
Inputs: VIL or VIH
1
Page-Mode Read
f = 13 MHz (5 CLK)
910
9
10
mA
4-Word
Read
Synchronous Burst
f = 40 MHz
13
17
n/a
n/a
mA
BL = 4W
15
19
n/a
n/a
mA
BL = 8W
17
21
n/a
n/a
mA
BL = 16W
21
26
n/a
n/a
mA
BL = Cont.
ICCW,
ICCE
VCC Program Current,
VCC Erase Current
36
51
36
51
mA
VPP = VPPL, pgm/ers in progress
1,3,4,7
26
33
26
33
VPP = VPPH, pgm/ers in progress 1,3,5,7
ICCWS,
ICCES
VCC Program
Suspend Current,
VCC Erase
Suspend Current
64-Mbit
203520
35
µA
CE# = VCCQ; suspend in
progress
1,3,6
128-Mbit
30
75
30
75
256-Mbit
55
115
55
200
512-Mbit
110
230
110
400
1-Gbit
220
460
220
800
IPPS,
IPPWS,
IPPES
VPP Standby Current,
VPP Program Suspend Current,
VPP Erase Suspend Current
0.2
5
0.2
5
µA
VPP = VPPL, suspend in progress
1,3
IPPR
VPP Read
2
15
2
15
µA
VPP ≤ VCC
1,3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com