Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30B85 Datasheet(PDF) 36 Page - Intel Corporation

Part # JS28F640P30B85
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640P30B85 Datasheet(HTML) 36 Page - Intel Corporation

Back Button JS28F640P30B85 Datasheet HTML 32Page - Intel Corporation JS28F640P30B85 Datasheet HTML 33Page - Intel Corporation JS28F640P30B85 Datasheet HTML 34Page - Intel Corporation JS28F640P30B85 Datasheet HTML 35Page - Intel Corporation JS28F640P30B85 Datasheet HTML 36Page - Intel Corporation JS28F640P30B85 Datasheet HTML 37Page - Intel Corporation JS28F640P30B85 Datasheet HTML 38Page - Intel Corporation JS28F640P30B85 Datasheet HTML 39Page - Intel Corporation JS28F640P30B85 Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 102 page
background image
1-Gbit P30 Family
April 2005
Intel StrataFlash® Embedded Memory (P30)
Datasheet
36
Order Number: 306666, Revision: 001
R305
tCHQX
Output hold from CLK
3
-
ns
1,5
R306
tCHAX
Address hold from CLK
10
-
ns
1,4,5
R307
tCHTV
CLK to WAIT valid
-
20
ns
1,5
R311
tCHVL
CLK Valid to ADV# Setup
3
-
ns
1
R312
tCHTX
WAIT Hold from CLK
3
-
ns
1,5
NOTES:
1.
See Figure 13, “AC Input/Output Reference Waveform” on page 33 for timing measurements and max allowable input
slew rate.
2.
OE# may be delayed by up to tELQV – tGLQV after CE#’s falling edge without impact to tELQV.
3.
Sampled, not 100% tested.
4.
Address hold in synchronous burst mode is tCHAX or tVHAX, whichever timing specification is satisfied first.
5.
Applies only to subsequent synchronous reads.
6.
See your local Intel representative for designs requiring higher than 40 MHz synchronous operation.
Table 16.
AC Read Specifications for 64/128-Mbit Densities (Sheet 2 of 2)
Num
Symbol
Parameter
Min
Max
Unit
Notes
Table 17.
AC Read Specifications for 256/512-Mbit and 1-Gbit Densities (Sheet 1 of 2)
Num
Symbol
Parameter
Speed
Min
Max
Unit
Notes
Asynchronous Specifications
R1
tAVAV
Read cycle time
Vcc = 1.8 V
– 2.0 V
85
-
ns
Vcc = 1.7 V
– 2.0 V
88
-
R2
t
AVQV
Address to output valid
Vcc = 1.8 V
– 2.0 V
-85
ns
Vcc = 1.7 V
– 2.0 V
-88
R3
t
ELQV
CE# low to output valid
Vcc = 1.8 V
– 2.0 V
-85
ns
Vcc = 1.7 V
– 2.0 V
-88
R4
t
GLQV
OE# low to output valid
-
25
ns
1,2
R5
tPHQV
RST# high to output valid
-
150
ns
1
R6
tELQX
CE# low to output in low-Z
0
-
ns
1,3
R7
tGLQX
OE# low to output in low-Z
0
-
ns
1,2,3
R8
tEHQZ
CE# high to output in high-Z
-
24
ns
1,3
R9
tGHQZ
OE# high to output in high-Z
-
24
ns
R10
tOH
Output hold from first occurring address, CE#, or OE# change
0
-
ns
R11
tEHEL
CE# pulse width high
20
-
ns
1
R12
tELTV
CE# low to WAIT valid
-
17
ns
R13
tEHTZ
CE# high to WAIT high-Z
-
20
ns
1,3
R15
tGLTV
OE# low to WAIT valid
-
17
ns
1
R16
tGLTX
OE# low to WAIT in low-Z
0
-
ns
1,3
R17
tGHTZ
OE# high to WAIT in high-Z
-
20
ns
Latching Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com