Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30B85 Datasheet(PDF) 33 Page - Intel Corporation

Part # JS28F640P30B85
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640P30B85 Datasheet(HTML) 33 Page - Intel Corporation

Back Button JS28F640P30B85 Datasheet HTML 29Page - Intel Corporation JS28F640P30B85 Datasheet HTML 30Page - Intel Corporation JS28F640P30B85 Datasheet HTML 31Page - Intel Corporation JS28F640P30B85 Datasheet HTML 32Page - Intel Corporation JS28F640P30B85 Datasheet HTML 33Page - Intel Corporation JS28F640P30B85 Datasheet HTML 34Page - Intel Corporation JS28F640P30B85 Datasheet HTML 35Page - Intel Corporation JS28F640P30B85 Datasheet HTML 36Page - Intel Corporation JS28F640P30B85 Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 102 page
background image
1-Gbit P30 Family
Datasheet
Intel StrataFlash® Embedded Memory (P30)
April 2005
Order Number: 306666, Revision: 001
33
7.0
AC Characteristics
7.1
AC Test Conditions
Note:
AC test inputs are driven at VCCQ for Logic "1" and 0.0 V for Logic "0." Input/output timing begins/ends
at VCCQ/2. Input rise and fall times (10% to 90%) < 5 ns. Worst case speed occurs at VCC = VCCMin.
NOTES:
1.
See the following table for component values.
2.
Test configuration component value for worst case speed conditions.
3.
CL includes jig capacitance
.
Figure 13.
AC Input/Output Reference Waveform
Input V
CCQ/2
V
CCQ/2 Output
V
CCQ
0V
Test Points
Figure 14.
Transient Equivalent Testing Load Circuit
Device
Under Test
Out
C
L
Table 14.
Test configuration component value for worst case speed conditions
Test Configuration
CL (pF)
VCCQMin Standard Test
30
Figure 15.
Clock Input AC Waveform
CLK [C]
V
IH
V
IL
R203
R202
R201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com