Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30B85 Datasheet(PDF) 94 Page - Intel Corporation

Part # JS28F640P30B85
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640P30B85 Datasheet(HTML) 94 Page - Intel Corporation

Back Button JS28F640P30B85 Datasheet HTML 90Page - Intel Corporation JS28F640P30B85 Datasheet HTML 91Page - Intel Corporation JS28F640P30B85 Datasheet HTML 92Page - Intel Corporation JS28F640P30B85 Datasheet HTML 93Page - Intel Corporation JS28F640P30B85 Datasheet HTML 94Page - Intel Corporation JS28F640P30B85 Datasheet HTML 95Page - Intel Corporation JS28F640P30B85 Datasheet HTML 96Page - Intel Corporation JS28F640P30B85 Datasheet HTML 97Page - Intel Corporation JS28F640P30B85 Datasheet HTML 98Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 102 page
background image
1-Gbit P30 Family
April 2005
Intel StrataFlash® Embedded Memory (P30)
Datasheet
94
Order Number: 306666, Revision: 001
C.2
Query Structure Overview
The Query command causes the flash component to display the Common Flash Interface (CFI)
Query structure or “database.” The structure sub-sections and address locations are summarized
below.
Table 33.
Query Structure
Notes:
1.
Refer to the Query Structure Output section and offset 28h for the detailed definition of offset address as
a function of device bus width and mode.
2.
BA = Block Address beginning location (i.e., 08000h is block 1’s beginning location when the block size
is 16-KWord).
3.
Offset 15 defines “P” which points to the Primary Intel-specific Extended Query Table.
Word Addressing:
Byte Addressing:
Offset
Hex Code
Value
Offset
Hex Code
Value
AX–A0
D15–D0
AX–A0
D7–D0
00010h
0051
"Q"
00010h
51
"Q"
00011h
0052
"R"
00011h
52
"R"
00012h
0059
"Y"
00012h
59
"Y"
00013h
P_IDLO
PrVendor
00013h
P_IDLO
PrVendor
00014h
P_IDHI
ID #
00014h
P_IDLO
ID #
00015h
PLO
PrVendor
00015h
P_IDHI
ID #
00016h
PHI
TblAdr
00016h
...
...
00017h
A_IDLO
AltVendor
00017h
00018h
A_IDHI
ID #
00018h
...
...
...
...
Offset
Sub-Section Name
Description
(1)
00001-Fh Reserved
Reserved for vendor-specific information
00010h
CFI query identification string
Command set ID and vendor data offset
0001Bh
System interface information
Device timing & voltage information
00027h
Device geometry definition
Flash device layout
P
(3)
Primary Intel-specific Extended Query Table Vendor-defined additional information specific



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com