Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30B85 Datasheet(PDF) 30 Page - Intel Corporation

Part # JS28F640P30B85
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640P30B85 Datasheet(HTML) 30 Page - Intel Corporation

Back Button JS28F640P30B85 Datasheet HTML 26Page - Intel Corporation JS28F640P30B85 Datasheet HTML 27Page - Intel Corporation JS28F640P30B85 Datasheet HTML 28Page - Intel Corporation JS28F640P30B85 Datasheet HTML 29Page - Intel Corporation JS28F640P30B85 Datasheet HTML 30Page - Intel Corporation JS28F640P30B85 Datasheet HTML 31Page - Intel Corporation JS28F640P30B85 Datasheet HTML 32Page - Intel Corporation JS28F640P30B85 Datasheet HTML 33Page - Intel Corporation JS28F640P30B85 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 102 page
background image
1-Gbit P30 Family
April 2005
Intel StrataFlash® Embedded Memory (P30)
Datasheet
30
Order Number: 306666, Revision: 001
5.2
Operating Conditions
Note:
Operation beyond the “Operating Conditions” is not recommended and extended exposure beyond
the “Operating Conditions” may affect device reliability.
Table 11. Operating Conditions
Symbol
Parameter
Min
Max
Units
Notes
TC
Operating Temperature
–40
+85
°C
1,2
VCC
VCC Supply Voltage
1.7
2.0
V
VCCQ
I/O Supply Voltage
CMOS inputs
1.7
3.6
TTL inputs
2.4
3.6
VPPL
VPP Voltage Supply (Logic Level)
0.9
3.6
3
VPPH
Factory word programming VPP
8.5
9.5
tPPH
Maximum VPP Hours
VPP = VPPH
-80
Hours
Block
Erase
Cycles
Main and Parameter Blocks
VPP = VCC
100,000
-
Cycles
Main Blocks
VPP = VPPH
-1000
Parameter Blocks
VPP = VPPH
-2500
NOTES:
1.
TC = Case Temperature
2.
Temperature for 1-Gbit SCSP is –30 °C to +85 °C.
3.
In typical operation, the VPP program voltage is VPPL. VPP can be connected to 8.5 V – 9.5 V for 80
hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com