Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30B85 Datasheet(PDF) 42 Page - Intel Corporation

Part # JS28F640P30B85
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640P30B85 Datasheet(HTML) 42 Page - Intel Corporation

Back Button JS28F640P30B85 Datasheet HTML 38Page - Intel Corporation JS28F640P30B85 Datasheet HTML 39Page - Intel Corporation JS28F640P30B85 Datasheet HTML 40Page - Intel Corporation JS28F640P30B85 Datasheet HTML 41Page - Intel Corporation JS28F640P30B85 Datasheet HTML 42Page - Intel Corporation JS28F640P30B85 Datasheet HTML 43Page - Intel Corporation JS28F640P30B85 Datasheet HTML 44Page - Intel Corporation JS28F640P30B85 Datasheet HTML 45Page - Intel Corporation JS28F640P30B85 Datasheet HTML 46Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 102 page
background image
1-Gbit P30 Family
April 2005
Intel StrataFlash® Embedded Memory (P30)
Datasheet
42
Order Number: 306666, Revision: 001
W14
t
WHGL
WE# high to OE# low
0
-
ns
1,2,9
W16
t
WHQV
WE# high to read valid
tAVQV + 35
-
ns
1,2,3,6,1
0
Write to Asynchronous Read Specifications
W18
t
WHAV
WE# high to Address valid
0
-
ns
1,2,3,6,8
Write to Synchronous Read Specifications
W19
t
WHCH/L
WE# high to Clock valid
19
-
ns
1,2,3,6,1
0
W20
t
WHVH
WE# high to ADV# high
19
-
ns
Write Specifications with Clock Active
W21
t
VHWL
ADV# high to WE# low
-
20
ns
1,2,3,11
W22
t
CHWL
Clock high to WE# low
-
20
ns
Notes:
1.
Write timing characteristics during erase suspend are the same as write-only operations.
2.
A write operation can be terminated with either CE# or WE#.
3.
Sampled, not 100% tested.
4.
Write pulse width low (tWLWH or tELEH) is defined from CE# or WE# low (whichever occurs last) to
CE# or WE# high (whichever occurs first). Hence, tWLWH = tELEH = tWLEH = tELWH.
5.
Write pulse width high (tWHWL or tEHEL) is defined from CE# or WE# high (whichever occurs first) to
CE# or WE# low (whichever occurs last). Hence, tWHWL = tEHEL = tWHEL = tEHWL).
6.
t
WHVH or tWHCH/L must be met when transitioning from a write cycle to a synchronous burst read.
7.
VPP and WP# should be at a valid level until erase or program success is determined.
8.
This specification is only applicable when transitioning from a write cycle to an asynchronous read.
See spec W19 and W20 for synchronous read.
9.
When doing a Read Status operation following any command that alters the Status Register, W14 is
20 ns.
10.
Add 10 ns if the write operations results in a RCR or block lock status change, for the subsequent
read operation to reflect this change.
11.
These specs are required only when the device is in a synchronous mode and clock is active during
address setup phase.
Table 18.
AC Write Specifications (Sheet 2 of 2)
Num
Symbol
Parameter
Min
Max
Units
Notes
Figure 22.
Write-to-Write Timing
W1
W7
W4
W7
W4
W3
W9
W3
W9
W3
W3
W6
W2
W6
W2
W8
W8
W5
W5
Address [A]
CE# [E}
WE# [W]
OE# [G]
Data [D/Q]
RST# [P]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com