Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30B85 Datasheet(PDF) 89 Page - Intel Corporation

Part # JS28F640P30B85
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640P30B85 Datasheet(HTML) 89 Page - Intel Corporation

Back Button JS28F640P30B85 Datasheet HTML 85Page - Intel Corporation JS28F640P30B85 Datasheet HTML 86Page - Intel Corporation JS28F640P30B85 Datasheet HTML 87Page - Intel Corporation JS28F640P30B85 Datasheet HTML 88Page - Intel Corporation JS28F640P30B85 Datasheet HTML 89Page - Intel Corporation JS28F640P30B85 Datasheet HTML 90Page - Intel Corporation JS28F640P30B85 Datasheet HTML 91Page - Intel Corporation JS28F640P30B85 Datasheet HTML 92Page - Intel Corporation JS28F640P30B85 Datasheet HTML 93Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 102 page
background image
1-Gbit P30 Family
Datasheet
Intel StrataFlash® Embedded Memory (P30)
April 2005
Order Number: 306666, Revision: 001
89
Figure 44.
Block Erase Flowchart
Start
FULL ERASE STATUS CHECK PROCEDURE
Repeat for subsequent block erasures.
Full Status register check can be done after each block erase
or after a sequence of block erasures.
Write 0xFF after the last operation to enter read array mode.
Only the Clear Status Register command clears SR[1, 3, 4, 5].
If an error is detected, clear the Status register before
attempting an erase retry or other error recovery.
No
Suspend
Erase
1
0
0
0
1
1,1
1
1
0
Yes
Suspend
Erase
Loop
0
Write 0x20,
Block Address
Write 0xD0,
Block Address
Read Status
Register
SR[7] =
Full Erase
Status Check
(if desired)
Block Erase
Complete
Read Status
Register
Block Erase
Successful
SR[1] =
Block Locked
Error
BLOCK ERASE PROCEDURE
Bus
Operation
Command
Comments
Write
Block
Erase
Setup
Data = 0x20
Addr = Block to be erased (BA)
Write
Erase
Confirm
Data = 0xD0
Addr = Block to be erased (BA)
Read
None
Status Register data.
Idle
None
Check SR[7]:
1 = WSM ready
0 = WSM busy
Bus
Operation
Command
Comments
SR[3] =
V
PP
Range
Error
SR[4,5] =
Command
Sequence Error
SR[5] =
Block Erase
Error
Idle
None
Check SR[3]:
1 = V
PP Range Error
Idle
None
Check SR[4,5]:
Both 1 = Command Sequence Error
Idle
None
Check SR[5]:
1 = Block Erase Error
Idle
None
Check SR[1]:
1 = Attempted erase of locked block;
erase aborted.
(Block Erase)
(Erase Confirm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com