Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30B85 Datasheet(PDF) 92 Page - Intel Corporation

Part # JS28F640P30B85
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640P30B85 Datasheet(HTML) 92 Page - Intel Corporation

Back Button JS28F640P30B85 Datasheet HTML 88Page - Intel Corporation JS28F640P30B85 Datasheet HTML 89Page - Intel Corporation JS28F640P30B85 Datasheet HTML 90Page - Intel Corporation JS28F640P30B85 Datasheet HTML 91Page - Intel Corporation JS28F640P30B85 Datasheet HTML 92Page - Intel Corporation JS28F640P30B85 Datasheet HTML 93Page - Intel Corporation JS28F640P30B85 Datasheet HTML 94Page - Intel Corporation JS28F640P30B85 Datasheet HTML 95Page - Intel Corporation JS28F640P30B85 Datasheet HTML 96Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 102 page
background image
1-Gbit P30 Family
April 2005
Intel StrataFlash® Embedded Memory (P30)
Datasheet
92
Order Number: 306666, Revision: 001
Figure 47.
Protection Register Programming Flowchart
FULL STATUS CHECK PROCEDURE
Program Protection Register operation addresses must be
within the Protection Register address space. Addresses
outside this space will return an error.
Repeat for subsequent programming operations.
Full Status Register check can be done after each program, or
after a sequence of program operations.
Write 0xFF after the last operation to set Read Array state.
Only the Clear Staus Register command clears SR[1, 3, 4].
If an error is detected, clear the Status register before
attempting a program retry or other error recovery.
1
0
1
1
1
PROTECTION REGISTER PROGRAMMING PROCEDURE
Start
Write 0xC0,
PR Address
Write PR
Address & Data
Read Status
Register
SR[7] =
Full Status
Check
(if desired)
Program
Complete
Read Status
Register Data
Program
Successful
SR[3] =
SR[4] =
SR[1] =
V
PP
Range Error
Program Error
Register Locked;
Program Aborted
Idle
Idle
Bus
Operation
None
None
Command
Check SR[3]:
1 =V
PP Range Error
Check SR[4]:
1 =Programming Error
Comments
Write
Write
Idle
Program
PR Setup
Protection
Program
None
Data = 0xC0
Addr = First Location to Program
Data = Data to Program
Addr = Location to Program
Check SR[7]:
1 = WSM Ready
0 = WSM Busy
Bus
Operation
Command
Comments
Read
None
Status Register Data.
Idle
None
Check SR[1]:
1 =Block locked; operation aborted
(Program Setup)
(Confirm Data)
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com